Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC16MODULE-DIP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # 68HC16MODULE-DIP
Description  Convenient Test Points Provided On-Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

68HC16MODULE-DIP Datasheet(HTML) 3 Page - Maxim Integrated Products

  68HC16MODULE-DIP Datasheet HTML 1Page - Maxim Integrated Products 68HC16MODULE-DIP Datasheet HTML 2Page - Maxim Integrated Products 68HC16MODULE-DIP Datasheet HTML 3Page - Maxim Integrated Products 68HC16MODULE-DIP Datasheet HTML 4Page - Maxim Integrated Products 68HC16MODULE-DIP Datasheet HTML 5Page - Maxim Integrated Products 68HC16MODULE-DIP Datasheet HTML 6Page - Maxim Integrated Products 68HC16MODULE-DIP Datasheet HTML 7Page - Maxim Integrated Products 68HC16MODULE-DIP Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Detailed Description
________________________of Hardware
U1, the MAX1110, is an 8-channel, 8-bit, low-power
analog-to-digital converter (ADC) with serial interface
and a shutdown mode. R1–R8 and C1–C8 act as anti-
aliasing input filters. VDD and GND are the analog sup-
ply rails. Refer to the MAX1110 data sheet for additional
information.
C9 and C11 are 4.7µF bypass capacitors for the refer-
ence and the power supply. For reduced board size
and/or lower cost, C9 and C11 may be reduced to 1µF.
R9 and C10 filter the digital noise out of the analog
power supply.
Input Filtering
The EV kit has an RC filter on each input with a time con-
stant of approximately 100µs (R = 10k
Ω, C = 0.01µF).
Acquisition time with a 500kHz clock is 4µs. The RC fil-
ter’s settling time may increase the acquisition time
required for full accuracy when switching input channels.
MAX1110 Evaluation System/
Evaluation Kit
_______________________________________________________________________________________
3
JUMPER
STATE
FUNCTION
open
Use an external user-supplied refer-
ence.
closed
Use the internal reference (REFIN is
connected to REFOUT).
open
Analog common voltage must be set
by user.
closed
Analog common (COM) = GND.
open
MAX1110 is active with internal
reference enabled.
1–2
SHDN = VDD; MAX1110 is active with
internal reference disabled.
open
SHDN is allowed to float or be driven
by JU4.
closed
SHDN is driven by the µC module.
2–3
SHDN = GND; MAX1110 is inactive.
closed
Current-sense jumper. The MAX1110
draws its power through this trace.
open
Do not operate kit with JU5 open.
JU1
JU2
JU3
JU5
JUMPER
STATE
FUNCTION
JU1
closed
Use the internal reference (REFIN is
connected to REFOUT).
closed
COM = GND.
JU2
JU3
JU4
open
SHDN is allowed to float or be driven
by JU4.
open
MAX1110 is active with internal refer-
ence enabled.
JU5
closed
The MAX1110 draws its power through
this trace.
Table 1. Jumper Functions
Table 2. Default Jumper Settings
JU4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com