Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25DN256 Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # AT25DN256
Description  256-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DN256 Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button AT25DN256 Datasheet HTML 28Page - Dialog Semiconductor AT25DN256 Datasheet HTML 29Page - Dialog Semiconductor AT25DN256 Datasheet HTML 30Page - Dialog Semiconductor AT25DN256 Datasheet HTML 31Page - Dialog Semiconductor AT25DN256 Datasheet HTML 32Page - Dialog Semiconductor AT25DN256 Datasheet HTML 33Page - Dialog Semiconductor AT25DN256 Datasheet HTML 34Page - Dialog Semiconductor AT25DN256 Datasheet HTML 35Page - Dialog Semiconductor AT25DN256 Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
31
AT25DN256
DS-25DN256–039E–2/2017
Note:
1. Maximum values indicate worst-case performance after 100,000 erase/program cycles.
2. Not 100% tested (value guaranteed by design and characterization).
tCHPE
(1)(2)
Chip Erase Time
250
350
ms
tOTPP(1)
OTP Security Register Program Time
400
950
µs
tWRSR(2)
Write Status Register Time
20
40
ms
13.7 Power-up Conditions
Symbol
Parameter
Min
Max
Units
tVCSL
Minimum VCC to Chip Select Low Time
70
µs
tPUW
Power-up Device Delay Before Program or Erase Allowed
5
ms
VPOR
Power-on Reset Voltage
1.6
2.2
V
13.6 Program and Erase Characteristics
Symbol
Parameter
2.3V-3.6V
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com