Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25DN512C Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # AT25DN512C
Description  512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DN512C Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button AT25DN512C Datasheet HTML 17Page - Dialog Semiconductor AT25DN512C Datasheet HTML 18Page - Dialog Semiconductor AT25DN512C Datasheet HTML 19Page - Dialog Semiconductor AT25DN512C Datasheet HTML 20Page - Dialog Semiconductor AT25DN512C Datasheet HTML 21Page - Dialog Semiconductor AT25DN512C Datasheet HTML 22Page - Dialog Semiconductor AT25DN512C Datasheet HTML 23Page - Dialog Semiconductor AT25DN512C Datasheet HTML 24Page - Dialog Semiconductor AT25DN512C Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
20
AT25DN512C
DS-25DN512C–037F–2/2017
Figure 11-1. Read Status Register
11.2 Write Status Register
The Write Status Register command is used to modify the BPL bit and the BP0 bit of the Status Register. Before the
Write Status Register command can be issued, the Write Enable command must have been previously issued to set the
WEL bit in the Status Register to a logical “1”.
To issue the Write Status Register command, the CS pin must first be asserted and the opcode of 01h must be clocked
into the device followed by one byte of data. The one byte of data consists of the BPL bit value, four don’t care bits, the
BP0 bit value, and two additional don’t care bits (see Table 11-3). Any additional data bytes that are sent to the device
will be ignored. When the CS pin is deasserted, the BPL bit and the BP0 bit in the Status Register will be modified, and
the WEL bit in the Status Register will be reset back to a logical “0”. The value of BP0 and the state of the BPL bit and the
WP pin before the Write Status Register command was executed (the prior state of the BPL bit and the state of the WP
pin when the CS pin is deasserted) will determine whether or not software protection will be changed. Please refer to
Section 9.4, “Protected States and the Write Protect Pin” on page 14 for more details.
The complete one byte of data must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on even byte boundaries (multiples of eight bits); otherwise, the device will abort the operation, the state of
the BPL and BP0 bits will not change, memory protection status will not change, and the WEL bit in the Status Register
will be reset back to the logical “0” state.
If the WP pin is asserted, then the BPL bit can only be set to a logical “1”. If an attempt is made to reset the BPL bit to a
logical “0” while the WP pin is asserted, then the Write Status Register Byte command will be ignored, and the WEL bit in
the Status Register will be reset back to the logical “0” state. In order to reset the BPL bit to a logical “0”, the WP pin must
be deasserted.
SCK
CS
SI
SO
MSB
23
1
0
00000101
67
5
410 11
9
812
21 22
17
20
19
18
15 16
13 14
23 24
OPCODE
MSB
MSB
DDDDDD
DD
D
D
MSB
DDDDDD
D
D
STATUS REGISTER BYTE1
STATUS REGISTER BYTE2
HIGH-IMPEDANCE
Table 11-3. Write Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BPL
X
X
X
X
BP0
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com