Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL103-53 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL103-53
Description  DDR SDRAM Buffer with 5 DDR or 3 SDR/3 DDR DIMMS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL103-53 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL103-53 Datasheet HTML 1Page - PhaseLink Corporation PLL103-53 Datasheet HTML 2Page - PhaseLink Corporation PLL103-53 Datasheet HTML 3Page - PhaseLink Corporation PLL103-53 Datasheet HTML 4Page - PhaseLink Corporation PLL103-53 Datasheet HTML 5Page - PhaseLink Corporation PLL103-53 Datasheet HTML 6Page - PhaseLink Corporation PLL103-53 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary
PLL103-53
DDR SDRAM Buffer with 5 DDR or 3 SDR/3 DDR DIMMS
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 12/01/00 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
FBOUT
1
O
Feedback clock for chipset. Output voltage depends on VDD3.3_2.5V.
BUF_IN
13
I
Reference input from chipset. 3.3V input for STANDARD SDRAM mode;
2.5V input for DDR-ONLY mode.
PD
44
I
Power Down Control input. When low, it will tri-state all outputs.
SEL_DDR
56
I
Input configure for DDR-ONLY mode or STANDARD SDR mode.
1 = DDR-ONLY mode (when VDD3.3_2.5 select 2.5V);
0 = SDR mode (when VDD3.3_2.5 select 3.3V).
In DDR-ONLY mode, all outputs will be configured as DDR outputs.
In STANDARD SDR mode, pin 4, 5, 6, 7, 10, 11, 15, 16, 19, 20, 21
and 22 will be configured as STANDARD SDR outputs, and pin 27,
28, 29, 30, 35, 36, 37, 38, 41, 42, 46, 47, 50, 51,52 and 53 will be
configured as DDR outputs.
DDR[6:13]T
36,38,42,47,
51,53,27,29
O
These outputs provide True copies of BUF_IN.
DDR[6:13]C
35,37,41,46,
50,52,28,30
O
These outputs provide complementary copies of BUF_IN.
DDR[0,1:5]T_SDRA
M [10,0,2,4,6,8]
4,6,10,15,
19,21
O
When SEL_DDR=1, these outputs provide DDR mode outputs; when
SEL_DDR=0, these outputs provide standard SDRAM mode outputs.
Voltage swing depends on VDD3.3_2.5.
DDR[0,1:5]C_SDRA
M [11,1,3,5,7,9]
5,7,11,16,
20,22
O
When SEL_DDR=1, these outputs provide complementary copies of
BUF_IN; when SEL_DDR=0, these outputs provide standard SDRAM
mode outputs. Voltage swing depends on VDD3.3_2.5.
VDD3.3_2.5
2,8,12,17,23
P
When VDD=2.5V, SEL_DDR=1. DDR-ONLY mode is selected; when
VDD=3.3V, SEL_DDR=0. STANDARD SDRAM mode is selected.
VDD2.5
32,40,45,
49,55
P
2.5V power supply.
GND
3,9,14,18,
25,31,34,39,
43,48,54
P
Ground.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com