Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL620-20 Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL620-20
Description  Low Phase Noise XO (for HF Fund. and 3rd O.T.)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-20 Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL620-20 Datasheet HTML 1Page - PhaseLink Corporation PLL620-20 Datasheet HTML 2Page - PhaseLink Corporation PLL620-20 Datasheet HTML 3Page - PhaseLink Corporation PLL620-20 Datasheet HTML 4Page - PhaseLink Corporation PLL620-20 Datasheet HTML 5Page - PhaseLink Corporation PLL620-20 Datasheet HTML 6Page - PhaseLink Corporation PLL620-20 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PLL620-20
Low Phase Noise XO (for HF Fund. and 3rd O.T.)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 09/03/04 Page 3
4. Jitter Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Period jitter RMS at 155MHz
2.5
Period jitter peak-to-peak at 155MHz
At 155.52MHz, with capacitive
decoupling between VDD and
GND. Over 10,000 cycles
18.5
20
ps
Accumulated jitter RMS at 155MHz
2.5
Accumulated jitter peak-to-peak at
155MHz
At 155.52MHz, with capacitive
decoupling between VDD and
GND. Over 1,000,000 cycles.
24
27
ps
Random Jitter
“RJ” measured on Wavecrest SIA
3000
2.5
ps
Integrated jitter RMS at 155MHz
Integrated 12 kHz to 20 MHz
0.3
0.4
ps
Note: Higher Q factor of 3rd overtone crystals will result in even better jitter performance.
5. Phase Noise Specifications
PARAMETERS
FREQUENCY
@10Hz
@100Hz
@1kHz
@10kHz @100kHz
UNITS
Phase Noise relative
to carrier
155.52MHz
-75
-95
-125
-140
-145
dBc/Hz
Note: Higher Q factor of 3rd overtone crystals will result in even better phase noise performance.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com