Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL650-04CILR Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL650-04CILR
Description  Low EMI Clock for 10/100 PHY and Gigabit Ethernet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL650-04CILR Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL650-04CILR Datasheet HTML 1Page - PhaseLink Corporation PLL650-04CILR Datasheet HTML 2Page - PhaseLink Corporation PLL650-04CILR Datasheet HTML 3Page - PhaseLink Corporation PLL650-04CILR Datasheet HTML 4Page - PhaseLink Corporation PLL650-04CILR Datasheet HTML 5Page - PhaseLink Corporation PLL650-04CILR Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary
PLL650-04
Low EMI Clock for 10/100 PHY and Gigabit Ethernet
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 05/31/05 Page 1
FEATURES
• Full CMOS output swing with 25-mA output drive
capability at TTL level.
• Advanced, low power, sub-micron CMOS processes.
• 25 MHz fundamental crystal or clock input.
• Low jitter (< 80ps cycle-to-cycle)
• 25 MHz and 50 MHz outputs
• Five CLKOUT selectable between 90, 100, 125, 133,
145 and 150 MHz.
• SSTE (SST Enable) Low EMI selector for CLKOUT.
• Output enable functionality.
• Zero PPM synthesis error in all clocks.
• Ideal for Network switches.
• 3.3V operation.
•
Available in 20-Pin 150mil SSOP.
DESCRIPTION
The PLL650-04 is a low cost, low jitter, and high
performance clock synthesizer. With PhaseLink proprietary
analog Phase Locked Loop techniques, the chip accepts
25.0 MHz crystal, and produces multiple output clocks for
networking chips. A CLKOUT signal of selectable
frequency (25MHz, 48MHz, 50MHz, 90MHz, 100MHz,
125MHz, 133MHz, 145MHz or 150 MHz) is available at 5
output pins. Through an SST enable (SSTE) selector, the
CLKOUT signal can be modulated to reduce EMI through
Spread Spectrum Technology. Output enable selectors are
available to enable/disable the output signals.
PIN CONFIGURATION
SELECTION TABLE
FS1
FS0
CLKOUT
SSTE
SST
MODULATION
0
0
90 MHz
0
±0.25% Center
0
M
100 MHz
1
OFF
0
1
125 MHz
1
0
133 MHz
1
M
145 MHz
1
1
150 MHz
Tri-level input pins: 0 = connect to GND
M= not connected, 1 = connect to VDD
BLOCK DIAGRAM
1
2
3
4
5
6
7
8
13
14
15
16
17
18
19
20
VDD
50M_EN^
25MHz/25M_EN*^
GND
50MHz
GND
CLKOUTº
FS0
XIN
XOUT/SSTE*^
GND
VDD
CLKOUT_EN^
VDD
CLKOUTº
CLKOUTº
Note: ^: Internal pull-up resistor *: Bi-directional pin º: Low EMI output
9
10
11
12
CLKOUTº
GND
FS1^
CLKOUTº
XTAL
OSC
25MHz
XIN
XOUT
50MHz
CLKOUT (90 100, 125, 133,
145 or 150 MHz)
Control
Logic
FS (0:1)
1
1
5
SSTE
(SST enable)
50M_EN (enable)
25M_EN (enable)
CLKOUT_EN (enable)


Similar Part No. - PLL650-04CILR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL650-01 PLL-PLL650-01 Datasheet
219Kb / 7P
Low EMI Network LAN Clock
PLL650-01XC PLL-PLL650-01XC Datasheet
219Kb / 7P
Low EMI Network LAN Clock
PLL650-01XC-R PLL-PLL650-01XC-R Datasheet
219Kb / 7P
Low EMI Network LAN Clock
logo
List of Unclassifed Man...
PLL650-02 ETC1-PLL650-02 Datasheet
100Kb / 6P
Low EMI Network LAN Clock
logo
PhaseLink Corporation
PLL650-02 PLL-PLL650-02 Datasheet
228Kb / 6P
Low EMI Network LAN Clock
More results

Similar Description - PLL650-04CILR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
10/100 FAST ETHERNET PHY TRANSCEIVER
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
Gigabit Ethernet PHY Transceiver
A2111 ETC1-A2111 Datasheet
112Kb / 2P
10 Gigabit Ethernet LAN/WAN PHY
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
Integrated 10/100 Ethernet MAC PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
10/100 Ethernet MAC and PHY
logo
Micrel Semiconductor
SM840051 MICREL-SM840051 Datasheet
297Kb / 10P
10 Gigabit Ethernet Ultra-Low Jitter Clock Synthesizer
logo
Allied Components Inter...
ARLP11-4100 ALLIED-ARLP11-4100 Datasheet
1Mb / 2P
10/100/1000 Gigabit for Ethernet and Networking Applications
logo
Maxim Integrated Produc...
DS33X11DK MAXIM-DS33X11DK Datasheet
665Kb / 39P
Includes Ethernet PHY Supporting 10/100 and Gigabit Modes
Rev: 030508
78Q8430 MAXIM-78Q8430 Datasheet
1Mb / 88P
78Q8430 10/100 Ethernet MAC and PHY
Rev. 1.2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com