Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TGL2206 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # TGL2206
Description  S-Band 100 W VPIN Limiter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGL2206 Datasheet(HTML) 1 Page - Qorvo, Inc

  TGL2206 Datasheet HTML 1Page - Qorvo, Inc TGL2206 Datasheet HTML 2Page - Qorvo, Inc TGL2206 Datasheet HTML 3Page - Qorvo, Inc TGL2206 Datasheet HTML 4Page - Qorvo, Inc TGL2206 Datasheet HTML 5Page - Qorvo, Inc TGL2206 Datasheet HTML 6Page - Qorvo, Inc TGL2206 Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TGL2206
S-Band 100 W VPIN Limiter
Data Sheet Rev B, December 2020 | Subject to change without notice
1 of 7
www.qorvo.com
®
Product Overview
The Qorvo TGL2206 is a high power, wideband MMIC
GaAs VPIN limiter capable of protecting sensitive
receive channel components against high power incident
signals. The TGL2206 does not require DC bias and
achieves a low insertion loss all in a small form factor.
These features allow for simple integration with minimal
impact to system performance.
The TGL2206 operates from 2 to 4.5 GHz and achieves
low insertion loss of 0.5 dB and return loss of 15 dB. It
can limit up to 100 W incident pulsed-power with a low
flat leakage of 15 dBm.
The TGL2206 has a protective surface passivation layer
providing
environmental
robustness
and
is
ideally
suited
to
support
both
commercial
and
defense
related applications.
Lead-free and RoHS compliant.
Functional Block Diagram
Key Features
• Frequency Range: 2–4.5 GHz
• Insertion Loss: <0.5 dB
• Peak Power Handling: 100 W (pulsed)
• Flat Leakage: ≤ 15 dBm
• Return Loss: 15 dB
• Recovery Time: < 115 ns
• Passive (no DC bias required)
• Integrated DC Block on output
• Chip Dimensions: 2.2 x 2.5 x 0.1 mm
Performance is typical across frequency. Please
reference electrical specification table and data plots
for more details.
Applications
• Receive Chain Protection
• Commercial and Military Radar
Ordering Information
Part No.
Description
TGL2206
S-Band 100 W VPIN Limiter
RF IN
1
RF OUT
2


Similar Part No. - TGL2206

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGL2206-SM TRIQUINT-TGL2206-SM Datasheet
1Mb / 11P
2.0-5.5 GHz 100 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2206-SM QORVO-TGL2206-SM Datasheet
557Kb / 8P
2.0 ??5.5 GHz 100 Watt VPIN Limiter
TGL2206-SMEVB-01 QORVO-TGL2206-SMEVB-01 Datasheet
557Kb / 8P
2.0 ??5.5 GHz 100 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2206-SM TRIQUINT-TGL2206-SM_15 Datasheet
1Mb / 11P
2.0-5.5 GHz 100 Watt VPIN Limiter
More results

Similar Description - TGL2206

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGL2203 TRIQUINT-TGL2203_15 Datasheet
328Kb / 6P
Ka-Band 1 W VPIN Limiter
TGL2205-SM TRIQUINT-TGL2205-SM_15 Datasheet
769Kb / 10P
2-6 GHz 100 Watt VPIN Limiter
TGL2206-SM TRIQUINT-TGL2206-SM_15 Datasheet
1Mb / 11P
2.0-5.5 GHz 100 Watt VPIN Limiter
TGL2207-SM TRIQUINT-TGL2207-SM_15 Datasheet
1Mb / 11P
2.0-6.5 GHz 100 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2206-SM QORVO-TGL2206-SM Datasheet
557Kb / 8P
2.0 ??5.5 GHz 100 Watt VPIN Limiter
TGL2205-SM QORVO-TGL2205-SM Datasheet
729Kb / 9P
2 ??6 GHz 100 Watt VPIN Limiter
TGL2205 QORVO-TGL2205 Datasheet
255Kb / 6P
S and C-Band 100 W VPIN Limiter
TGL2201-SM QORVO-TGL2201-SM Datasheet
511Kb / 10P
Wideband Dual Stage VPIN Limiter
TGL2210 QORVO-TGL2210 Datasheet
654Kb / 10P
0.05 ??6 GHz 100 Watt VPIN Limiter
QPP2209 QORVO-QPP2209 Datasheet
580Kb / 8P
8 ??12 GHz 40 W VPIN Limiter
January 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com