Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1627113 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1627113
Description  AC charging cable - EV-TCM3PC-1AC16A-4,0M2,5ESBK00
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1627113 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1627113 Datasheet HTML 1Page - PHOENIX CONTACT 1627113 Datasheet HTML 2Page - PHOENIX CONTACT 1627113 Datasheet HTML 3Page - PHOENIX CONTACT 1627113 Datasheet HTML 4Page - PHOENIX CONTACT 1627113 Datasheet HTML 5Page - PHOENIX CONTACT 1627113 Datasheet HTML 6Page - PHOENIX CONTACT 1627113 Datasheet HTML 7Page - PHOENIX CONTACT 1627113 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
https://www.phoenixcontact.com/us/products/1627113
08/30/2021   Page 3 / 8
AC charging cable - EV-TCM3PC-1AC16A-4,0M2,5ESBK00 - 1627113
Technical data
Electrical properties
Note on the connection method
Crimp connection, cannot be disconnected
Resistor coding
680 Ω (between PE and CC)
Mechanical properties
Insertion/withdrawal cycles
> 10000
Insertion force
< 100 N
Withdrawal force
< 100 N
Design
Design line
D-Line
Housing color
black
Mating face color
gray
Color handle area
gray
Actuating element color
gray
Color protective cap
black
Label
14.1 mm x 44.8 mm (customer logo on request)
Material
Housing material
Plastic
Material handle area
Soft plastic
Actuating lever material
Plastic
Material protective cap
Plastic
Material mating face
Plastic
Material surface of contacts
Ag
Cable
Cable structure
3 x 2.5 mm² + 1 x 0.5 mm²
Wiring standards/regulations
prEN 50620 / DIN EN 50620
Wiring class
Class 5
Wiring certifications
VDE
External cable diameter
10.2 mm ±0.3 mm
Type of conductor
straight
Cable resistance
≤ 0.00798 Ω/m (based on a power core, at an ambient temperature of
20°C)
Outer sheath, material
TPE-U
External sheath, color
black
Minimum bending radius
153 mm (15 x diameter)
Cable weight
max. 163 kg/km
Locking



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com