Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD-9501G-SFP/AC-US Datasheet(PDF) 1 Page - Microchip Technology

Part # PD-9501G-SFP/AC-US
Description  PoE Media Converter, 60W PoE Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-9501G-SFP/AC-US Datasheet(HTML) 1 Page - Microchip Technology

  PD-9501G-SFP/AC-US Datasheet HTML 1Page - Microchip Technology PD-9501G-SFP/AC-US Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD-9501G-SFP
PoE Media Converter, 60W PoE Output
Features
• Media converter: SFP to PoE
• Can be used as PoE injector
• All 3 ports can be active simultaneously
• IEEE 802.3at compliant
• Power Output: 60W
• Supports 10/100/1000Base-T
• Safety: low power devices receive only the
power they need
microchip.com
Summary
The Microchip PD-9501G-SFP is a media
converter with PoE functionality. It has a
total of 3 ports that can be active simul-
taneously. Data input can be through the
SFP module or through the RJ45 port,
while the output will be data and power
up to 60 W. The media converter offers a
unique solution to powering long range
installations, where the data input comes
over fiber. Standard SFP modules can be
used (SM or MM modules). The 9501G-SFP
complies with IEEE 802.3at and will provide
PoE after detection. The PoE port will
provide the power level needed by the end
device, offering a safe solution for all types
of 802.3af/at applications.
Feature
Description
Number of Ports
3
Port 1: SFP–data uplink
Port 2: RJ45–data in
Port 3: RJ45–PoE out
Data Rate
SFP: 1000 Mbps
Copper: 10/100/1000 Mbps
Input Power Requirement
AC input voltage: 100 Vac to 240 Vac
AC input current: 1.4 A
AC frequency: 50/60 Hz
Output Power
60W
Power over Ethernet Output
Data Pairs 1/2 (-), 3/6 (+)
Spare Pairs 7/8 (-), 4/5 (+)
Output Voltage: 54 Vdc nominal
Dimensions
L × W × H
160 mm × 80 mm × 36 mm
6.30 in. × 3.15 in. × 1.425 in
Net Weight
580g
Connectors
Shielded RJ-45, EIA 568A and 568B
SFP cage
Indicators
Channel port indicator:
Power delivered over 4 pairs - green
Power delivered over 2 pairs - yellow
3 port data indicators - green
AC Power -green
Environmental Conditions
Operating Ambient Temperature:
14 ⁰F to 113 ⁰F (–10 ⁰C to 45⁰C) at 60 W
14 ⁰F to 131 ⁰F (–10 ⁰C to 55 ⁰C) at 30 W
Operating Humidity: 90% Maximum Non-Condensing
Storage Temperature: –4⁰F to +158⁰F (–20⁰C to +70⁰C)
Storage Humidity: 95% maximum, Non-condensing
Operating Altitute: –1000 to 10,000 ft. (–304.8 to 3048 m)
Hazardous Substances
CE, WEEE
Warranty
1 Year
Extended Warranty Available
No
Reliability
MTBF: 150,000 hrs.
Thermal Rating
55 BTU/Hr
Regulatory Compliance
IEEE 802.3at
Electromagnetic Emission and
Immunity
FCC Part 15, Class B
EN 55032 Class B
EN 55024
VCCI
Safety
UL/IEC/EN 62368-1
Please consult Microchip for a complete list of
Certifications


Similar Part No. - PD-9501G-SFP/AC-US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-9501G-SFP MICROSEMI-PD-9501G-SFP Datasheet
541Kb / 2P
Media converter: SFP to PoE All 3 ports can be active simultaneously
More results

Similar Description - PD-9501G-SFP/AC-US

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS1860 ETC2-AS1860 Datasheet
1Mb / 51P
60W/90W PoE PD Controllers
logo
XFMRS Inc.
XFVOIP-23 XFMRS-XFVOIP-23 Datasheet
62Kb / 1P
60W POE XFMR
XFVOIP-23B XFMRS-XFVOIP-23B Datasheet
57Kb / 1P
60W POE XFMR
XFVOIP-460 XFMRS-XFVOIP-460 Datasheet
62Kb / 1P
60W POE XFMR
logo
ORing Industrial Networ...
IGPMC-111GP ORING-IGPMC-111GP Datasheet
347Kb / 5P
Industrial Gigabit PoE Ethernet to fiber media converter
IPMC-111PB ORING-IPMC-111PB Datasheet
1Mb / 4P
Industrial mini type Ethernet to fiber PoE media converter
logo
Advantech Co., Ltd.
EKI-2701MPI-R ADVANTECH-EKI-2701MPI-R Datasheet
294Kb / 2P
HDBaseT Gigabit 60W PoE Extender
12-Oct-2018
EKI-2741FHPI ADVANTECH-EKI-2741FHPI Datasheet
290Kb / 2P
Industrial Grade IP31 Gigabit High Power 60W PoE Media Converter
22-Dec-2017
IMC-380 ADVANTECH-IMC-380 Datasheet
384Kb / 2P
10/100/1000Mbps PoE & PoE Media Converter
22-Apr-2019
IMC-595MPI ADVANTECH-IMC-595MPI Datasheet
530Kb / 2P
Industrial 4TX/1SFP Light Managed PoE BT Media Converter
21-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com