Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD-9601GC/AC-AU Datasheet(PDF) 2 Page - Microchip Technology

Part # PD-9601GC/AC-AU
Description  Single-Port, IEEE짰 802.3bt 90W PoE Midspan
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-9601GC/AC-AU Datasheet(HTML) 2 Page - Microchip Technology

  PD-9601GC/AC-AU Datasheet HTML 1Page - Microchip Technology PD-9601GC/AC-AU Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Microchip name and logo and the Microchip logo are registered trademarks of Microchip Technology Incorporated in the
U.S.A. and other countries. All other trademarks mentioned herein are property of their respective companies.
© 2021, Microchip Technology Incorporated. All Rights Reserved. 7/21
DS00003229D
Technical Support
For technical support, please visit the Microchip Technical Support Portal at www.microchip.com/support.
Ordering Information
Part Number
Name
Description
PD-9601GC/AC-xx
PD-9601GC/AC-US: US plug
PD-9601GC/AC-EU: EU plug
PD-9601GC/AC-UK: UK plug
PD-9601GC/AC-AU: AU plug
PD-9601GC/AC
Single-port, IEEE® 802.3bt Type 4, Gbps,
90W 4-Pairs PoE indoor midspans
Contact Microchip for other options.
About Microchip mPoE
Microchip multi-Power over Ethernet (mPoE) is a technology that powers any wired network
device seamlessly and efficiently, making it the ideal solution for Ethernet-based applications.
Leveraging a uniquely designed algorithm, this technology solves interoperability issues between
different PoE standards and legacy solutions to provide an international network power stan-
dard. As a pioneer in PoE technology, we offer a comprehensive end-to-end portfolio of PoE
solutions comprised of PoE ICs and PoE systems (midspans/injectors and switches).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com