Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX5580 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5580
Description  Fully Assembled and Tested
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5580 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5580 Datasheet HTML 1Page - Maxim Integrated Products MAX5580 Datasheet HTML 2Page - Maxim Integrated Products MAX5580 Datasheet HTML 3Page - Maxim Integrated Products MAX5580 Datasheet HTML 4Page - Maxim Integrated Products MAX5580 Datasheet HTML 5Page - Maxim Integrated Products MAX5580 Datasheet HTML 6Page - Maxim Integrated Products MAX5580 Datasheet HTML 7Page - Maxim Integrated Products MAX5580 Datasheet HTML 8Page - Maxim Integrated Products MAX5580 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MAX5581 Evaluation Kit/Evaluation System
4
_______________________________________________________________________________________
CONTROL
DESCRIPTION
Allows the user to select the active tab.
Shows the CMODUSB debugging tools.
Gives access to the help file and the about box.
Shows the code and voltage for the input register of DAC A–DAC D.
Shows the code and voltage for the output register of DAC A–DAC D.
Shows the shutdown mode and shutdown status of DAC A–DAC D.
Shows the settling time mode of DAC A–DAC D.
When checked, automatically reads and updates all the register information for the registers that are
permanently on the bottom of the software’s main window. A flashing asterisk indicates AutoRead All
Registers is active.
Allows the user to enter the actual measured on-board reference value or the actual value of a user-
supplied external reference. Pressing the Set Vref button uses the value typed in the edit to calculate
the corresponding input and output register voltages.
Allows the user to enter the gain of the output amplifier. Pressing the Set Gain button uses the value
typed in the edit box to calculate the corresponding input and output register voltages. The MAX5581
EV kit board has on-board resistors that set the default gain to 2. To change the gain, modify the on-
board gain-setting resistors by referring to the MAX5581 data sheet before changing the gain in the
software. For unity-gain device evaluation, set the gain to 1 and remove the output feedback resistors to
prevent loading the output.
Resets all the registers and status information that is permanently on the bottom of the software’s main
window as shown in Figure 1.
Table 1. MAX5581 EV Kit Software—Main Window Control Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com