Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL702-06SC Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL702-06SC
Description  Clock Generator for Printer Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL702-06SC Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL702-06SC Datasheet HTML 1Page - PhaseLink Corporation PLL702-06SC Datasheet HTML 2Page - PhaseLink Corporation PLL702-06SC Datasheet HTML 3Page - PhaseLink Corporation PLL702-06SC Datasheet HTML 4Page - PhaseLink Corporation PLL702-06SC Datasheet HTML 5Page - PhaseLink Corporation PLL702-06SC Datasheet HTML 6Page - PhaseLink Corporation PLL702-06SC Datasheet HTML 7Page - PhaseLink Corporation PLL702-06SC Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PLL702-06
Clock Generator for Printer Applications
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 10/26/05 Page 4
Note: when the output load presents a low impedance in comparison to the internal pull-up resistor, the internal pull-up resistor
may not be sufficient to pull the input up to a logical “one”, and an external pull-up resistor may be required.
For bi-directional inputs, the external loading resistor between the pin and GND has to be sufficiently small (compared to the
internal pull-up resistor) so that the pin voltage be pulled below 0.8V (logical “zero”). In order to avoid loading effects when the pin
serves as output, the value of the external pull-down resistor should however be kept as large as possible. In general, it is
recommended to use an external resistor of around one sixth to one quarter of the internal pull-up resistor (see Application
Diagram).
VDD Power Up Ramp Requirements:
At startup, the chip reads a lot of settings for operation according to the application’s requirements. Since reading the settings is
done only at startup and then frozen for the time of operation, it is important that the power-up environment is somewhat
controlled to facilitate proper reading of the settings. The important VDD pins are VDDA (Pin3) and VDDD (Pin4) and they should
apply to the following two-startup requirements:
•
VDDD should be equally fast or slower than VDDA. VDDD performs a chip reset when VDD has reached a certain level and
VDDA should have reached at least up to the same level as well to properly process the reset.
•
The VDD Power Up Ramp of VDDD and VDDA should pass through the section 1.8V to 2.5V no faster than 100µs and with
a continuously increasing slope. In this section the tri-level select inputs are read.
•
After VDD Power off, VDD should be allowed to go to 0V and stay there for at least 1ms before a new VDD Power on. It is
important that proper preconditions exist at every startup. Remaining charges in the chip or in circuit filter capacitors may
interfere with the preconditions so it is important that VDD has been at 0V for some time before each startup.
GND (0V)
3.3V
No
limit
Min 1ms
VDD off
VDD on
2.97V
2.5V
2.2V
Min 1s
Reset enable
Reset disable
1.8
V
>100us



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com