Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TGL2210 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # TGL2210
Description  0.05 ??6 GHz 100 Watt VPIN Limiter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGL2210 Datasheet(HTML) 4 Page - Qorvo, Inc

  TGL2210 Datasheet HTML 1Page - Qorvo, Inc TGL2210 Datasheet HTML 2Page - Qorvo, Inc TGL2210 Datasheet HTML 3Page - Qorvo, Inc TGL2210 Datasheet HTML 4Page - Qorvo, Inc TGL2210 Datasheet HTML 5Page - Qorvo, Inc TGL2210 Datasheet HTML 6Page - Qorvo, Inc TGL2210 Datasheet HTML 7Page - Qorvo, Inc TGL2210 Datasheet HTML 8Page - Qorvo, Inc TGL2210 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TGL2210-SM
0.05 – 6.0 GHz 100 Watt VPIN Limiter
Data Sheet Rev. B, October 2, 2018 | Subject to change without notice
4 of 10
www.qorvo.com
®
Performance Plots
– Small Signal
Test conditions unless otherwise noted: Temp.=+25
 °C
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Frequency (GHz)
Insertion Loss vs. Frequency
TUNED
UN-TUNED
Temp. = 25
°C
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
Frequency (GHz)
Input Return Loss vs. Frequency
TUNED
UN-TUNED
Temp. = 25
°C
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
Frequency (GHz)
Output Return Loss vs. Frequency.
TUNED
UN-TUNED
Temp. = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com