Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL520-80 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL520-80
Description  Low Phase Noise VCXO (9.5-65MHz)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL520-80 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL520-80 Datasheet HTML 1Page - PhaseLink Corporation PLL520-80 Datasheet HTML 2Page - PhaseLink Corporation PLL520-80 Datasheet HTML 3Page - PhaseLink Corporation PLL520-80 Datasheet HTML 4Page - PhaseLink Corporation PLL520-80 Datasheet HTML 5Page - PhaseLink Corporation PLL520-80 Datasheet HTML 6Page - PhaseLink Corporation PLL520-80 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PLL520-80
Low Phase Noise VCXO (9.5-65MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 011/09/04 Page 1
FEATURES
• 19MHz to 65MHz fundamental crystal input.
• Output range: 9.5MHz – 65MHz
• Complementary outputs: PECL or LVDS output.
• Selectable OE Logic (enable high or enable low).
• Available outputs: PECL, LVDS, or CMOS (High
Drive (30mA) or Standard Drive (10mA) output).
• Integrated variable capacitors.
• Supports 2.5V or 3.3V Power Supply.
• Available in die form.
DESCRIPTION
The PLL520-80 is a VCXO IC specifically designed to
work with fundamental crystals between 19MHz and
65MHz. The selectable divide by two feature extends
the operation range from 9.5MHz to 65MHz. It
requires very low current into the crystal resulting in
better overall stability. The OE logic feature allows
selection of enable high or enable low. Furthermore,
it provides selectable CMOS, PECL or LVDS outputs.
DIE SPECIFICATIONS
Name
Value
Size
62 x 65 mil
Reverse side
GND
Pad dimensions
80 micron x 80 micron
Thickness
10 mil
BLOCK DIAGRAM
DIE CONFIGURATION
OUTPUT SELECTION AND ENABLE
OUT_SEL1*
(Pad 18)
OUT_SEL0*
(Pad 25)
Selected Output*
0
0
High Drive CMOS
0
1
Standard CMOS
1
0
LVDS
1
1
PECL (default)
OE_SELECT
(Pad 9)
OE_CTRL
(Pad 30)
State
0
Tri-state
0
1 (Default)
Output enabled
0 (Default)
Output enabled
1 (Default)
1
Tri-state
Pads #9, #18 & #25: Bond to GND to set to “0”,
No connection results to “default” setting
through internal pull-up.
OE_CTRL: Logical states defined by PECL levels if OE_SELECT is “1”
Logical states defined by CMOS levels if OE_SELECT is “0”
OUTPUT FREQUENCY SELECTOR
S2
Output
0
Input/2
1(Default)*
Input
*Internally set to ‘Default’ through 60KΩ pull-up resistor
18
19
20
21
23
25
7
13
10
26
29
31
Y
X
(0,0)
(1550,1475)
65 mil
24
22
17
16
15
14
12
11
9
8
6
1
2
3
45
27
28
30
OE_SEL^
PECL
LVDS
VDDBUF
VDDBUF
PECLB
LVDSB
CMOS
GNDBUF
XIN
XOUT
VCON
OE
CTRL
S2^
N/C
Die ID:
A2020-20C
C502A
XIN
XOUT
OE
Q
PLL520-80
VCON
Q
Oscillator
Amplifier
w/
integrated
varicaps
S2


Similar Part No. - PLL520-80

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL520-88-89 PLL-PLL520-88-89 Datasheet
216Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
PLL520-88OC PLL-PLL520-88OC Datasheet
216Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
PLL520-88OC-R PLL-PLL520-88OC-R Datasheet
216Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
PLL520-89OC PLL-PLL520-89OC Datasheet
216Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
PLL520-89OC-R PLL-PLL520-89OC-R Datasheet
216Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
More results

Similar Description - PLL520-80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL620-80 ETC1-PLL620-80 Datasheet
212Kb / 7P
Low Phase Noise XO (9.5-65MHz Output)
logo
PhaseLink Corporation
P521-39 PLL-P521-39 Datasheet
107Kb / 6P
Low Phase Noise LVDS VCXO (65MHz to 130MHz)
P521-48 PLL-P521-48 Datasheet
110Kb / 6P
Low Phase Noise PECL VCXO (27MHz to 65MHz)
P521-49 PLL-P521-49 Datasheet
107Kb / 6P
Low Phase Noise LVDS VCXO (27MHz to 65MHz)
PLL620-88 PLL-PLL620-88 Datasheet
200Kb / 6P
Low Phase Noise XO (9.5-65MHz Output)
PLL520-88-89 PLL-PLL520-88-89 Datasheet
216Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
PLL620-80 PLL-PLL620-80 Datasheet
813Kb / 7P
Low Phase Noise XO (9.5-65MHz Output)
logo
Abracon Corporation
ABV2088 ABRACON-ABV2088 Datasheet
71Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
03/21/05
ABX2088 ABRACON-ABX2088 Datasheet
67Kb / 6P
Low Phase Noise XO (9.5-65MHz Output)
03/21/05
logo
Micrel Semiconductor
PL620-88 MICREL-PL620-88 Datasheet
347Kb / 6P
Low Phase Noise XO (9.5-65MHz Output)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com