Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25SF081B Datasheet(PDF) 48 Page - Dialog Semiconductor

Part # AT25SF081B
Description  8-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF081B Datasheet(HTML) 48 Page - Dialog Semiconductor

Back Button AT25SF081B Datasheet HTML 44Page - Dialog Semiconductor AT25SF081B Datasheet HTML 45Page - Dialog Semiconductor AT25SF081B Datasheet HTML 46Page - Dialog Semiconductor AT25SF081B Datasheet HTML 47Page - Dialog Semiconductor AT25SF081B Datasheet HTML 48Page - Dialog Semiconductor AT25SF081B Datasheet HTML 49Page - Dialog Semiconductor AT25SF081B Datasheet HTML 50Page - Dialog Semiconductor AT25SF081B Datasheet HTML 51Page - Dialog Semiconductor AT25SF081B Datasheet HTML 52Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
Datasheet
5-Aug-2021
DS-AT25SF081B-189
Revision E
48
© 2021 Dialog Semiconductor
8-Mbit SPI Serial Flash Memory
with Dual-I/O and Quad-I/O Support
AT25SF081B
Datasheet
12.5 DEEP POWER-DOWN (B9H)
During normal operation, the device is placed in Standby Mode to consume less power as long as the CS pin remains deasserted
and no internal operation is in progress. The Deep Power-Down command lets the device be put into an even lower-power
consumption state, called the Deep Power-Down mode.
When the device is in the Deep Power-Down mode, all commands, including the Read Status Register command, are ignored,
with the exception of the Resume from Deep Power-Down command. Since all commands are ignored, the mode can be used
as an extra protection mechanism against program and erase operations.
Entering the Deep Power-Down mode is done by asserting the CS pin, clocking in the opcode of B9h, and then deasserting the
CS pin. Any additional data clocked into the device after the opcode is ignored. When the CS pin is deasserted, the device enters
the Deep Power-Down mode.
The complete opcode must be clocked in before the CS pin is deasserted, and the CS pin must be deasserted on an byte boundary
(multiples of eight bits); otherwise, the device aborts the operation and returns to the Standby Mode once the CS pin is deasserted.
Also, the device defaults to the Standby Mode after a power-cycle.
The Deep Power-Down command is ignored if an internally self-timed operation, such as a program or erase cycle, is in progress.
The Deep Power-Down command must be reissued after the internally self-timed operation has been completed in order for the
device to enter the Deep Power-Down mode.
Figure 39: Deep Power-Down
SCK
CS
SI
SO
MSB
ICC
23
1
0
10111001
67
5
4
OPCODE
High-Impedance
Standby Mode Current
Active Current
Deep Power-Down Mode Current
tEDPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com