Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB021E-DWF Datasheet(PDF) 48 Page - Dialog Semiconductor

Part # AT45DB021E-DWF
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E-DWF Datasheet(HTML) 48 Page - Dialog Semiconductor

Back Button AT45DB021E-DWF Datasheet HTML 44Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 45Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 46Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 47Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 48Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 49Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 50Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 51Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 52Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 74 page
background image
47
AT45DB021E
DS-AT45DB021E—8789J—03/2021
17
Power-On/Reset State
When power is first applied to the device, or when recovering from a reset condition, the output pin (SO) is in a high
impedance state, and a high-to-low transition on the CSB pin is required to start a valid instruction. The SPI mode
(Mode 3 or Mode 0) is automatically selected on every falling edge of CSB by sampling the inactive clock state.
17.1 Power-Up/Power-Down Voltage and Timing Requirements
As the device initializes, there is a transient current demand. The system must be capable of providing this current
to ensure correct initialization. During power-up, the device must not be READ for at least the minimum tVCSL time
after the supply voltage reaches the minimum VPOR level (VPOR min). While the device is being powered-up, the
internal Power-On Reset (POR) circuitry keeps the device in a reset mode until the supply voltage rises above the
minimum Vcc. During this time, all operations are disabled, and the device does not respond to any commands.
If the first operation to the device after power-up is a program or erase operation, then the operation cannot be
started until the supply voltage reaches the minimum VCC level and an internal device delay has elapsed. This
delay is a maximum time of tPUW. After the tPUW time, the device is in the standby mode if CSB is at logic high or
active mode if CSB is at logic low. For the case of Power-down then Power-up operation, or if a power interruption
occurs (such that VCC drops below VPOR max), the Vcc of the Flash device must be maintained below VPWD for at
least the minimum specified TPWD time. This is to ensure the Flash device resets properly after a power
interruption.
Table 17-1. Voltage and Timing Requirements for Power-Up/Power-Down
Not 100% tested (value guaranteed by design and characterization).
Figure 17-1. Power-Up Timing
Symbol
Parameter
Min
Max
Units
VPWD 1
VCC for device initialization
1.0
V
tPWD(1)
Minimum duration for device initialization
300
µs
tVCSL
Minimum VCC to chip select low time for Read command
70
µs
tVR(1)
VCC rise time
1
500000
µs/V
VPOR
Power on reset voltage
1.45
1.6
V
tPUW
Power up delay time before Program or Erase is allowed
3
ms
VCC
V
POR max
Max V
PWD
Time
t
PWD
t
PUW
Full Operation Permitted
t
VR
t
VCSL
Read Operation
Permitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com