Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8551ATT/AY Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF8551ATT/AY
Description  Universal 36 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8551ATT/AY Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF8551ATT/AY Datasheet HTML 34Page - NXP Semiconductors PCF8551ATT/AY Datasheet HTML 35Page - NXP Semiconductors PCF8551ATT/AY Datasheet HTML 36Page - NXP Semiconductors PCF8551ATT/AY Datasheet HTML 37Page - NXP Semiconductors PCF8551ATT/AY Datasheet HTML 38Page - NXP Semiconductors PCF8551ATT/AY Datasheet HTML 39Page - NXP Semiconductors PCF8551ATT/AY Datasheet HTML 40Page - NXP Semiconductors PCF8551ATT/AY Datasheet HTML 41Page - NXP Semiconductors PCF8551ATT/AY Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
NXP Semiconductors
PCF8551
Universal 36 × 4 LCD segment driver
15 Application information
15.1 Power-on Reset
The built-in POR block acts on the rising edge of the VDD supply voltage. Depending
on the VDD rising edge in the application, the POR may not work properly. Therefore to
ensure proper device operation it is required to send nine clock pulses immediately after
power-on (see also UM10204).
15.2 I2C acknowledge after power-on
If the bus does not show an acknowledge at the first access, the command should be
sent a second time.
15.3 Resistors on I/O pins
The pin PORE comprises an internal, latching pull-down device, which keeps the input at
a low potential when left open. If the input is supposed to be at logic 0 potential, this pin
can be either connected to VSS or left open.
In case the pin is supposed to be at logic 1 potential, it must be connected to VDD to
avoid any cross-current during power-up. A series resistance between VDD and PORE
must not exceed 1 kΩ to ensure proper functionality.
PCF8551
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 3 May 2021
38 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com