Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL701-21 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL701-21
Description  Low EMI Spread Spectrum Multiplier Clock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-21 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL701-21 Datasheet HTML 1Page - PhaseLink Corporation PLL701-21 Datasheet HTML 2Page - PhaseLink Corporation PLL701-21 Datasheet HTML 3Page - PhaseLink Corporation PLL701-21 Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary
PLL701-21
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 05/12/05 Page 1
FEATURES
• Spread Spectrum Clock Generator with selectable
SST mode.
• Output frequency ranges: 24MHz to 200MHz.
• Selectable Center Spread Modulation.
• TTL/CMOS compatible outputs.
• 3.3V Operating Voltage.
• Low short-term jitter.
• Available in 8-Pin 150mil SOIC.
DESCRIPTION
The PLL701-21 is a Spread Spectrum Clock
Generator designed for the purpose of reducing EMI
in high-speed digital systems, with selectable Center
Spread modulation magnitude (see table below). The
device operates over a very wide range of input
frequencies and provides a 1x modulated clock
output.
PIN CONFIGURATION
Note: v: 30k
Ω Internal Pull down. ^: 30kΩ Internal Pull up.
SST BY-PASS SELECTOR
S3
Spread Spectrum Mode
0
OFF
1
ON (See below) Default
Note: S3 has an internal Pull Up. Default=”1”
MODULATION MAGNITUDE SELECTION
Spread Spectrum Modulation
S2
S1
S0
FIN Range
(MHz)
FOUT
Frequency
Magnitude
0
0
0
24 - 200
X1
±0.75%
0
0
1
24 - 200
X1
±1.00%
0
1
0
24 - 200
X1
±1.25%
0
1
1
24 - 200
X1
±0.125%
1
0
0
24 - 200
X1
±0.25%
1
0
1
24 - 200
X1
±0.50%
1
1
0
24 - 200
X1
±0.375%
1
1
1
24 - 200
X1
Fin / 1024
±0.625%
1
2
3
45
6
7
8
FIN
S2^
S1^
S0v
VDD
FOUT
GND
S3^
FIN = 24 ~ 200 Mhz


Similar Part No. - PLL701-21

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-25 PLL-PLL701-25 Datasheet
205Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
PLL701-25SC PLL-PLL701-25SC Datasheet
205Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
PLL701-25SC-R PLL-PLL701-25SC-R Datasheet
205Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
PLL701-25SCL PLL-PLL701-25SCL Datasheet
205Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
PLL701-25SCL-R PLL-PLL701-25SCL-R Datasheet
205Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
More results

Similar Description - PLL701-21

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0101 ABRACON-ABE0101 Datasheet
216Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0113 ABRACON-ABE0113 Datasheet
50Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0121 ABRACON-ABE0121 Datasheet
50Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com