Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL702-01 Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL702-01
Description  Clock Generator for PowerPC Based Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL702-01 Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL702-01 Datasheet HTML 1Page - PhaseLink Corporation PLL702-01 Datasheet HTML 2Page - PhaseLink Corporation PLL702-01 Datasheet HTML 3Page - PhaseLink Corporation PLL702-01 Datasheet HTML 4Page - PhaseLink Corporation PLL702-01 Datasheet HTML 5Page - PhaseLink Corporation PLL702-01 Datasheet HTML 6Page - PhaseLink Corporation PLL702-01 Datasheet HTML 7Page - PhaseLink Corporation PLL702-01 Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PLL702-01
Clock Generator for PowerPC Based Applications
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 07/18/05 Page 3
USB OUTPUT FREQUENCY AND CPU DRIVE STRENGTH SELECTION TABLES
USB_SEL
USB
CPUDRV_SEL
CPU drive strength
0
48 MHz
0
67% (reduced)
M
30 MHz
1
100% (nominal)
1
12 MHz
SPREAD SPECTRUM SELECTION TABLE
SSC1
SSC0
Spread Spectrum Modulation
0
0
OFF
0
1
- 0.50% – Downspread
1
0
- 1.00% – Downspread
1
1
- 1.25% – Downspread
FUNCTIONAL DESCRIPTION
Tri-level and two-level inputs
In order to reduce pin usage, the PLL702-01 uses tri-level input pins. These pins allow 3 levels for input selection: namely, 0 =
Connect to GND, 1 = Connect to VDD, M = Do not connect. Thus, unlike the two-level selection pins, the tri-level input pins are
in the “M” (mid) state when not connected. In order to connect a tri-level pin to a logical “zero”, the pin must be connected to
GND. Likewise, in order to connect to a logical “one”, the pin must be connected to VDD.
Connecting a bi-directional pin
The PLL702-01 also uses bi-directional pins. The same pin serves as input upon power-up, and as output as soon as the inputs
have been latched. The value of the input is latched-in upon power-up. Depending on the pin (see pin description), the input can
be tri-level or a standard two-level. Unlike unidirectional pins, bi-directional pins cannot be connected directly to GND or VDD in
order to set the input to "0" or "1", since the pin also needs to serve as output. In the case of two level input pins, an internal pull-
up resistor is present. This allows a default value to be set when no external pull down resistor is connected between the pin
and GND (by definition, a tri-level input has a the default value of "M" (mid) if it is not connected). In order to connect a bi-
directional pin to a non-default value, the input must be connected to GND or VDD through an external pull-down/pull-up
resistor. Note: when the output load presents a low impedance in comparison to the internal pull-up resistor, the internal pull-up
resistor may not be sufficient to pull the input up to a logical “one”, and an external pull-up resistor may be required.
For bi-directional inputs, the external loading resistor between the pin and GND has to be sufficiently small (compared to the
internal pull-up resistor) so that the pin voltage be pulled below 0.8V (logical “zero”). In order to avoid loading effects when the
pin serves as output, the value of the external pull-down resistor should however be kept as large as possible. In general, it is
recommended to use an external resistor of around one sixth to one quarter of the internal pull-up resistor (see Application
Diagram). Note: when the output is used to drive a load presenting an small resistance between the output pin and VDD, this
resistance is in essence connected in parallel to the internal pull-up resistor. In such a case, the external pull-down resistor may
have to be dimensioned smaller to guarantee that the pin voltage will be low enough achieve the desired logical “zero”. This is
particularly true when driving 74FXX TTL components.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com