Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WCS3R-LS24AH Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # WCS3R-LS24AH
Description  Reading head
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

WCS3R-LS24AH Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  WCS3R-LS24AH Datasheet HTML 1Page - Pepperl+Fuchs Inc. WCS3R-LS24AH Datasheet HTML 2Page - Pepperl+Fuchs Inc. WCS3R-LS24AH Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Subject to reasonable modifications due to technical advances.
Copyright Pepperl+Fuchs, Printed in Germany
Pepperl+Fuchs Group • Tel.: Germany +49 621 776-0 • USA +1 330 4253555 • Singapore +65 67799091 • Internet http://www.pepperl-fuchs.com
1
Technical data
• Non-contact, absolute position encoder
• Automatic detection of dirt accumulation
• Output of position and speed
• Optimized for all control and elevator systems
• Slip-free system
• No reference run required
• Quick mounting
• RS 422 interface
• High resolution
Reading head
WCS3R-LS24AH
WCS3R-LS24AH
General specifications
Passage speed
v
≤ 2.2 m/s
Measuring range
max. 100 m
Free tolerances to code rail
horizontal: 31 mm ( ± 15.5 mm )
vertical: 28 mm ( ± 14 mm )
Resolution
± 1 mm
Functional safety related parameters
MTTFd
50 a
Mission Time (TM)
10 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Operating display
LED green: power on
Data flow display
LED yellow: data communication active
Error display
LED red
flashing: read head outside of code rail
solid on: internal diagnostic test failed
Electrical specifications
Operating voltage
UB
10 ... 30 V DC
Power consumption
P0
11 VA at 24 V DC
Interface
Interface type
RS 422
Data output code
binary code
Protocol
see protocol description
Transfer rate
Baud rate 19.2 kBit/s
Standard conformity
Emitted interference
DIN EN 61000-6-4 , DIN EN 12015
Noise immunity
DIN EN 61000-6-2 , DIN EN 12016
Shock resistance
DIN EN 60068-2-27, half sine 30 g, 18 ms
Vibration resistance
DIN EN 60068-2-6, sine, 5 g, 10 - 2000 Hz, 10 cycles
Ambient conditions
Operating temperature
-40 ... 60 °C (-40 ... 140 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Relative humidity
90 % , noncondensing
Mechanical specifications
Connection type
8-pin, M12 x 1 connector
Protection degree
IP54
Material
Housing
ABS , PC (Polycarbonate)
Mass
500 g
General information
Ordering information
Mounting plate included with delivery
Approvals and certificates
CSA approval
cCSAus Certified, General Purpose
Class 2 power source


Similar Part No. - WCS3R-LS24AH

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
WCS3R-LS24A PF-WCS3R-LS24A Datasheet
188Kb / 3P
Reading head
More results

Similar Description - WCS3R-LS24AH

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
PXV100-F200-B25-V1D PF-PXV100-F200-B25-V1D Datasheet
1Mb / 6P
Optical reading head
PXV100-F200-R4-V19-EX PF-PXV100-F200-R4-V19-EX Datasheet
1Mb / 4P
Optical reading head
PXV100S-F200-SSI-EX PF-PXV100S-F200-SSI-EX Datasheet
1Mb / 4P
Optical reading head
PCV80-F200-R4-V15-LS221 PF-PCV80-F200-R4-V15-LS221 Datasheet
343Kb / 3P
Optical reading head
PCV100-F200-B6-V15B-6011 PF-PCV100-F200-B6-V15B-6011 Datasheet
412Kb / 3P
Optical reading head
WCS3R-LS24A PF-WCS3R-LS24A Datasheet
188Kb / 3P
Reading head
PCV50-F200-B17-V1D PF-PCV50-F200-B17-V1D Datasheet
1Mb / 6P
Optical reading head
PCV80-F200-R4-V19 PF-PCV80-F200-R4-V19 Datasheet
341Kb / 3P
Optical reading head
PCV80I-F200-R4-V19 PF-PCV80I-F200-R4-V19 Datasheet
342Kb / 3P
Optical reading head
PCV100-F200-SSI-V19 PF-PCV100-F200-SSI-V19 Datasheet
372Kb / 3P
Optical reading head
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com