| Electronic Components Datasheet Search |
|
SC14WAMDECTSF01T Datasheet(PDF) 12 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SC14WAMDECTSF01T Datasheet(HTML) 12 Page - Dialog Semiconductor |
|
12 / 36 page ![]() Datasheet Revision 3.0 23-Jul-2015 CFR0011-120-00-FM Rev 5 12 of 36 © 2013 Dialog Semiconductor SC14WAMDECT SF Wireless Audio Module FINAL 4.5 REGISTRATION The PP and the FP must be paired using a procedure called Registration. Without registration the PP will be out-of-lock and unable to establish a link to a FP. Therefore it will not be able to make a call. The registration uses the unique product identities and secures the PP and FP to allow no cross-communica- tion. To avoid cross-communication it is very important that all the PPs and the FP use a unique numbering scheme, which is standard in DECT based systems. It is possible to pair a PP and FP during production using the production interface including wire registra- tion. See [2]. 4.5.1 Handling product identities To ensure that the FP and PPs do not make cross- communications a unique ID must be entered into the VES of the FP and PP. For DECT products, the FP identifier is called the RFPI and the PP identifier is called the IPEI. These numbers are factory settings. After a successful registration, the IPEI is stored in the FP and the RFPI is stored in the PP. In this way the two parts are known to each other and are allowed to make connections. See Figure 5. 4.5.2 Access code In TG mode a 6-bit access code (0x00 to 0x3F) can be defined via pins ACCESS_0 to ACCESS_5. The bit pattern on the ACCESS_x pins of the FP must be set before registration and needs to remain stable during registration. For successful registration of a PP the access codes of PP and FP must be the same. 4.6 DEREGISTRATION There are two ways of deregistering a PP from an FP: • PP registration: After successful PP registration an existing FP pair- ing will be overwritten. This method can be used when the PP should be combined with another FP and the original registration should be removed. • FP deregistration: During FP deregistration all existing PP pairings are removed. This method can be used when the origi- nal PPs were lost. 4.7 DATA TRANSFER In Tour Guide mode an API function is available for broadcasting data from FP to PP via the UART at a rate of 1 kbit/s. The data is transmitted in packets of maximum 20 bytes. No data interpretation is done. For more information on this API function, see [3] and [4]. A software example (“Sendmail”) of data transfer via UART is available on request. Figure 5: Handling product identities Subscription data PP #1 Subscription data PP #2 Subscription areas in EEPROM (Stores the IPEI of the registered PPs) FP Subscription data FP #1 Subscription areas in EEPROM (Stores the RFPI of the registered FPs) PP #1 DECT RF link |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |