Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P520-17SC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # P520-17SC
Description  Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P520-17SC Datasheet(HTML) 1 Page - PhaseLink Corporation

  P520-17SC Datasheet HTML 1Page - PhaseLink Corporation P520-17SC Datasheet HTML 2Page - PhaseLink Corporation P520-17SC Datasheet HTML 3Page - PhaseLink Corporation P520-17SC Datasheet HTML 4Page - PhaseLink Corporation P520-17SC Datasheet HTML 5Page - PhaseLink Corporation P520-17SC Datasheet HTML 6Page - PhaseLink Corporation P520-17SC Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PLL520-17/-18/-19
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 1
FEATURES
• 65MHz to 130MHz Fundamental Mode Crystal.
• Output range: 65MHz – 800MHz (selectable 1x,
2x, 4x and 8x multipliers).
• Low Injection Power for crystal 50uW.
• Available outputs: PECL, LVDS, or CMOS.
• Integrated variable capacitors.
• Supports 3.3V-Power Supply.
• Available in 16 pin (TSSOP or SOIC)
DESCRIPTION
The PLL520-17/-18/-19 family of VCXO IC’s is
specifically designed to pull high frequency
fundamental crystals. They achieve very low current
into the crystal resulting in better overall stability.
Their internal varicaps allow an on chip frequency
pulling, controlled by the VCON input.
BLOCK DIAGRAM
PIN CONFIGURATION
^: Internal pull-up
OUTPUT ENABLE LOGICAL LEVELS
Part #
OE
State
0 (Default)
Output enabled
PLL520-18
1
Tri-state
0
Tri-state
PLL520-17
PLL520-19
1 (Default)
Output enabled
OE input: Logical states defined by PECL levels for PLL520-18
Logical states defined by CMOS levels for PLL520-17/-19
XIN
XOUT
OE
Q
PLL520-17/-18/-19
VCON
Q
PLL by-pass
SEL
PLL
(Phase
Locked
Loop)
Oscillator
Amplifier
w/
integrated
varicaps
1
2
3
4
5
6
7
8
VDD
9
10
11
12
13
14
15
16
XIN
XOUT
SEL3^
SEL2^
OE
VCON
GND
SEL0^
SEL1^
GND
CLKC
VDD
CLKT
GND
GND


Similar Part No. - P520-17SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P520-10DC PLL-P520-10DC Datasheet
242Kb / 8P
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
More results

Similar Description - P520-17SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL520-28-29 PLL-PLL520-28-29 Datasheet
242Kb / 7P
Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
PLL520-30 PLL-PLL520-30 Datasheet
490Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL520-38-39 PLL-PLL520-38-39 Datasheet
248Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL520-40 PLL-PLL520-40 Datasheet
217Kb / 5P
CMOS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL520-00 PLL-PLL520-00 Datasheet
218Kb / 8P
Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
PLL520-10 PLL-PLL520-10 Datasheet
242Kb / 8P
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
PLL520-05 PLL-PLL520-05 Datasheet
239Kb / 8P
Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
logo
Abracon Corporation
ABV2005 ABRACON-ABV2005 Datasheet
93Kb / 8P
Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
ABV2017 ABRACON-ABV2017 Datasheet
79Kb / 7P
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
ABV2038 ABRACON-ABV2038 Datasheet
83Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com