Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NGTG25P140FST4G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NGTG25P140FST4G
Description  Reading ON Semiconductor IGBT Datasheets
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTG25P140FST4G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NGTG25P140FST4G Datasheet HTML 2Page - ON Semiconductor NGTG25P140FST4G Datasheet HTML 3Page - ON Semiconductor NGTG25P140FST4G Datasheet HTML 4Page - ON Semiconductor NGTG25P140FST4G Datasheet HTML 5Page - ON Semiconductor NGTG25P140FST4G Datasheet HTML 6Page - ON Semiconductor NGTG25P140FST4G Datasheet HTML 7Page - ON Semiconductor NGTG25P140FST4G Datasheet HTML 8Page - ON Semiconductor NGTG25P140FST4G Datasheet HTML 9Page - ON Semiconductor NGTG25P140FST4G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AND9068/D
http://onsemi.com
9
for a given current and is specified at TJ = 25 and 150°C. The
datasheet also includes a graph showing the IF−VF
relationship for a typical part at TJ = −40, 25, and 150°C, as
shown in Figure 12.
VF, FORWARD VOLTAGE (V)
−40°C
25°C
150°C
0
0.5
1
1.5
2
2.5
35
30
25
20
15
10
5
0
Figure 12. Diode Forward Characteristic Curves for
TJ_=_−40, 25, and 1505C
Reverse Recovery Time, trr
The reverse recovery time, trr, defines the time the diode
takes to enter the reverse blocking state after conducting in
the forward direction. It is defined as the length of time
required for the reverse current to return to 10% of its peak
reverse value (Irrm). It is measured from the point in time
where the diode current crosses zero. The time period is
labeled in Figure 13.
Figure 13. Diode Reverse Recovery Illustration
Showing the Definitions of the Reverse Recovery
Characteristics
Reverse Recovery Charge, Qrr
The amount of charge that is recovered from the diode
during turn−off is referred to as reverse recovery charge, Qrr.
It is calculated by taking the integral of the reverse recovery
current over the time period, trr.
Reverse Recovery Current, Irrm
Irrm is the peak current reached during diode turn off. Irrm
depends on the initial forward diode current and the rate of
change of the diode current, dI/dt, used to turn the diode off.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
AND9068/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com