Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STCC02-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # STCC02-E
Description  CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC02-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STCC02-E Datasheet HTML 4Page - STMicroelectronics STCC02-E Datasheet HTML 5Page - STMicroelectronics STCC02-E Datasheet HTML 6Page - STMicroelectronics STCC02-E Datasheet HTML 7Page - STMicroelectronics STCC02-E Datasheet HTML 8Page - STMicroelectronics STCC02-E Datasheet HTML 9Page - STMicroelectronics STCC02-E Datasheet HTML 10Page - STMicroelectronics STCC02-E Datasheet HTML 11Page - STMicroelectronics STCC02-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
STCC02-ED5
8/13
DC CHARACTERISTICS FIGURES
Figure 4: Regulator characteristic with Tj = 25°C and VIN = 12V
Figure 5: Regulator output voltage versus its junction temperature with VIN = 12V
Figure 6: Regulator output voltage versus its input voltage with IDD = 5 and 20 mA and TJ = 25°C
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
1020
3040
50
V
(V)
DD
I
(mA)
DD
Voltage regulation
Current Limitation
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
-20
0
20
40
60
80
100
120
Tj (°C)
I
=20mA
DD
I
=5mA
DD
V
(V)
DD
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
510
15
20
25
V
(V)
IN
V
(V)
DD
I
=20mA
DD
I
=5mA
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com