Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICSSSTV32852YHT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICSSSTV32852YHT
Description  DDR 24-Bit to 48-Bit Registered Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSSSTV32852YHT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICSSSTV32852YHT Datasheet HTML 1Page - Integrated Circuit Systems ICSSSTV32852YHT Datasheet HTML 2Page - Integrated Circuit Systems ICSSSTV32852YHT Datasheet HTML 3Page - Integrated Circuit Systems ICSSSTV32852YHT Datasheet HTML 4Page - Integrated Circuit Systems ICSSSTV32852YHT Datasheet HTML 5Page - Integrated Circuit Systems ICSSSTV32852YHT Datasheet HTML 6Page - Integrated Circuit Systems ICSSSTV32852YHT Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated
Circuit
Systems, Inc.
ICSSSTV32852
0513F—05/13/03
Recommended Application:
•
DDR Memory Modules
•
Provides complete DDR DIMM logic solution with
ICS93V857 or ICS95V857
•
SSTL_2 compatible data registers
Product Features:
•
Differential clock signals
•
Supports SSTL_2 class II specifications on inputs
and outputs
•
Low-voltage operation
- VDD = 2.3V to 2.7V
•
Available in 114 ball BGA package.
DDR 24-Bit to 48-Bit Registered Buffer
Truth Table
1
Block Diagram
Notes:
1.
H = "High" Signal Level
L = "Low" Signal Level
↑ = Transition "Low"-to-"High"
↓ = Transition "High"-to-"Low"
X = Don't Care
2.
Output level before the indicated
steady state input conditions were
established.
CLK
CLK#
D1
VREF
RESET#
To 23 Other Channels
Q1A
Q1B
CLK
R
D1
A
B
123456
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Pin Configuration
114-Pin Ball BGA
s
t
u
p
n
Is
t
u
p
t
u
O
Q
#
T
E
S
E
RK
L
C#
K
L
CD
Q
L
r
o
X
g
n
i
t
a
o
l
F
r
o
X
g
n
i
t
a
o
l
F
r
o
X
g
n
i
t
a
o
l
F
L
H
↑↓
HH
H
↑↓
LL
HH
r
o
LH
r
o
LX
Q0 )
2
(
Pin Configuration Assignments
1
234
5
6
A
Q2A
Q1A
CLK
CLK#
Q1B
Q2B
B
Q3A
VDDQ
GND
GND
VDDQ
Q3B
C
Q5A
Q4A
VDDQ
VDDQ
Q4B
Q5B
D
Q7A
Q6A
GND
GND
Q6B
Q7B
E
Q8A
GND
VDDQ
VDDQ
GND
Q8B
F
Q10A
Q9A
VDDQ
VDDQ
Q9B
Q10B
G
Q12A
Q11A
GND
GND
Q11B
Q12B
H
Q13A
VDD
VDDQ
VDDQ
VDD
Q13B
J
Q14A
Q15A
GND
GND
Q15B
Q14B
K
Q17A
Q16A
VDDQ
VDDQ
Q16B
Q17B
L
Q18A
Q19A
GND
GND
Q19B
Q18B
M
Q20A
VDDQ
GND
GND
VDDQ
Q20B
N
Q22A
Q21A
VDDQ
VDDQ
Q21B
Q22B
P
Q23A
VDDQ
GND
GND
VDDQ
Q23B
R
Q24A
VDD
RESET#
VREF
VDD
Q24B
T
D2
D1
D6
D18
D13
D14
U
D4
D3
D10
D22
D15
D16
V
D5
D7
D11
D23
D19
D17
W
D8
D9
D12
D24
D21
D20


Similar Part No. - ICSSSTV32852YHT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICSSSTV16857 ICST-ICSSSTV16857 Datasheet
114Kb / 8P
DDR 14-Bit Registered Buffer
Rev D 07/09/01
logo
Renesas Technology Corp
ICSSSTV16857C RENESAS-ICSSSTV16857C Datasheet
433Kb / 10P
DDR 14-Bit Registered Buffer
2019
logo
Integrated Circuit Syst...
ICSSSTV16857CG-T ICST-ICSSSTV16857CG-T Datasheet
78Kb / 8P
DDR 14-Bit Registered Buffer
logo
Renesas Technology Corp
ICSSSTV16857CL-T RENESAS-ICSSSTV16857CL-T Datasheet
433Kb / 10P
DDR 14-Bit Registered Buffer
2019
logo
Integrated Circuit Syst...
ICSSSTV16857YG-T ICST-ICSSSTV16857YG-T Datasheet
119Kb / 8P
DDR 14-Bit Registered Buffer
Rev D 07/09/01
More results

Similar Description - ICSSSTV32852YHT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICSSSTV16859 ICST-ICSSSTV16859 Datasheet
233Kb / 8P
DDR 13-Bit to 26-Bit Registered Buffer
Rev B 06/22/01
ICSSSTVF16859 ICST-ICSSSTVF16859 Datasheet
187Kb / 10P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Alliance Semiconductor ...
ASM4SSTVF16859 ALSC-ASM4SSTVF16859 Datasheet
162Kb / 16P
DDR 13-Bit to 26-Bit Registered Buffer
ASM4SSTVF32852 ALSC-ASM4SSTVF32852 Datasheet
105Kb / 13P
DDR 24-Bit to 48-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICSSSTVA16859B ICST-ICSSSTVA16859B Datasheet
130Kb / 11P
DDR 13-Bit to 26-Bit Registered Buffer
ICS16859 ICST-ICS16859 Datasheet
97Kb / 8P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVA16859C IDT-ICSSSTVA16859C Datasheet
293Kb / 10P
DDR 13-Bit to 26-Bit Registered Buffer
ICSSSTVF16859B IDT-ICSSSTVF16859B Datasheet
114Kb / 10P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Renesas Technology Corp
ICSSSTVA16859C RENESAS-ICSSSTVA16859C Datasheet
530Kb / 11P
DDR 13-Bit to 26-Bit Registered Buffer
2019
ICSSSTVF16859B RENESAS-ICSSSTVF16859B Datasheet
349Kb / 11P
DDR 13-Bit to 26-Bit Registered Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com