Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DQ161 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # AT45DQ161
Description  16-Mbit DataFlash, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DQ161 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button AT45DQ161 Datasheet HTML 17Page - Dialog Semiconductor AT45DQ161 Datasheet HTML 18Page - Dialog Semiconductor AT45DQ161 Datasheet HTML 19Page - Dialog Semiconductor AT45DQ161 Datasheet HTML 20Page - Dialog Semiconductor AT45DQ161 Datasheet HTML 21Page - Dialog Semiconductor AT45DQ161 Datasheet HTML 22Page - Dialog Semiconductor AT45DQ161 Datasheet HTML 23Page - Dialog Semiconductor AT45DQ161 Datasheet HTML 24Page - Dialog Semiconductor AT45DQ161 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
20
AT45DQ161
8790F–DFLASH–3/2021
6.13 Program/Erase Resume
The Program/Erase Resume command allows a suspended program or erase operation to be resumed and continue
where it left off.
To perform a Program/Erase Resume, an opcode of D0h must be clocked into the device. No address bytes need to be
clocked into the device, and any data clocked in after the opcode will be ignored. When the CS pin is deasserted, the
program or erase operation currently suspended will be resumed within a time of tRES. The PS1 bit, PS2 bit, or ES bit in
the Status Register will then be reset back to a Logic 0 state to indicate that the program or erase operation is no longer
suspended. In addition, the RDY/BUSY bit in the Status Register will indicate that the device is busy performing a
program or erase operation.
During a simultaneous Erase Suspend/Program Suspend condition, issuing the Program/Erase Resume command will
result in the program operation resuming first. After the program operation has been completed, the Program/Erase
Resume command must be issued again in order for the erase operation to be resumed.
While the device is busy resuming a program or erase operation, any attempts at issuing the Program/Erase Suspend
command will be ignored. Therefore, if a resumed program or erase operation needs to be subsequently suspended
again, the system must either wait the entire tRES time before issuing the Program/Erase Suspend command, or it must
check the status of the RDY/BUSY bit or the appropriate PS1, PS2, or ES bit in the Status Register to determine if the
previously suspended program or erase operation has resumed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com