Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATXP032-DWF Datasheet(PDF) 94 Page - Dialog Semiconductor

Part # ATXP032-DWF
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032-DWF Datasheet(HTML) 94 Page - Dialog Semiconductor

Back Button ATXP032-DWF Datasheet HTML 90Page - Dialog Semiconductor ATXP032-DWF Datasheet HTML 91Page - Dialog Semiconductor ATXP032-DWF Datasheet HTML 92Page - Dialog Semiconductor ATXP032-DWF Datasheet HTML 93Page - Dialog Semiconductor ATXP032-DWF Datasheet HTML 94Page - Dialog Semiconductor ATXP032-DWF Datasheet HTML 95Page - Dialog Semiconductor ATXP032-DWF Datasheet HTML 96Page - Dialog Semiconductor ATXP032-DWF Datasheet HTML 97Page - Dialog Semiconductor ATXP032-DWF Datasheet HTML 98Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 113 page
background image
92
ATXP032
DS-ATXP032–114I–4-2020
Figure 13-26. Read SFDP in Octal Mode — DDR
13.16.1 SFDP Parameters
For more information on the SFDP parameters for the EcoXiP ATXP032 device, please contact Adesto.
D
D
Output
Data
Byte1 Byte2
8 Dummy Cycles
1/2 Dummy Cycle for Octal DTR Alignment
A
A
A
Address
Bits A
23
-A
0
5Ah
Opcode
2
1
0
5
4
3
7
6
9
8
11
10
12
I/O7-0
SCK
CS
DS
DDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com