Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7283-01FVC Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA7283-01FVC
Description  Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7283-01FVC Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA7283-01FVC Datasheet HTML 9Page - Dialog Semiconductor DA7283-01FVC Datasheet HTML 10Page - Dialog Semiconductor DA7283-01FVC Datasheet HTML 11Page - Dialog Semiconductor DA7283-01FVC Datasheet HTML 12Page - Dialog Semiconductor DA7283-01FVC Datasheet HTML 13Page - Dialog Semiconductor DA7283-01FVC Datasheet HTML 14Page - Dialog Semiconductor DA7283-01FVC Datasheet HTML 15Page - Dialog Semiconductor DA7283-01FVC Datasheet HTML 16Page - Dialog Semiconductor DA7283-01FVC Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DA7283
Ultra-Low Power LRA Haptic Driver with Multiple Input
Triggers and Software-Free Operation
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
13 of 22
© 2019 Dialog Semiconductor
5.2
Functional Modes
5.2.1
System States
The device states and the transitions into and out of each state are shown in Figure 5. When a power
supply is applied on the VDD pin and VDDIO/EN pin is set high, DA7283 loads its initial boot
settings. Once BOOT is complete, DA7283 remains in the IDLE state, ensuring low power
consumption and low start-up latency, and awaits GPI triggering. DA7283 enters the DRIVE state
and starts playback when one of the three GPI pins receives a falling edge from the host controlling
the device, see Section 5.2.2. On playback completion, caused either by a GPI triggered sequence
reaching its end or a second negative edge on any of the GPIs, DA7283 leaves the DRIVE state and
returns to IDLE.
If a fault condition arises during playback, DA7283 cancels the ongoing playback and returns to the
IDLE state. Possible fault conditions include an UVLO event, an over-temperature event, a short
circuit protection event, and an actuator over- or under-impedance event.
IDLE
(IQ = 0.68 µA)
BOOT
Boot
complete
in 1.5 ms
OFF
(IQ = 5 nA)
DRIVE
Start driving
0.75 ms after GPI
trigger
VDD
V
VDDIOEN
V
Stop driving
after timeout
or GPI trigger
DA7283 returns to
the IDLE state in a
fault condition
Return to OFF at any
time if:
VDDIOEN = 0 V or
VDD < 2.6 V
Figure 5: System State Diagram
Note: An optional one-time device configuration can be performed after the initial BOOT sequence
by going once through the DRIVE state via GPI_2, see Section 5.3.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com