Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9070 Datasheet(PDF) 60 Page - Dialog Semiconductor

Part # DA9070
Description  Ultra-Low Quiescent Current PMIC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9070 Datasheet(HTML) 60 Page - Dialog Semiconductor

Back Button DA9070 Datasheet HTML 56Page - Dialog Semiconductor DA9070 Datasheet HTML 57Page - Dialog Semiconductor DA9070 Datasheet HTML 58Page - Dialog Semiconductor DA9070 Datasheet HTML 59Page - Dialog Semiconductor DA9070 Datasheet HTML 60Page - Dialog Semiconductor DA9070 Datasheet HTML 61Page - Dialog Semiconductor DA9070 Datasheet HTML 62Page - Dialog Semiconductor DA9070 Datasheet HTML 63Page - Dialog Semiconductor DA9070 Datasheet HTML 64Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 130 page
background image
DA9070
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.3
13-Oct-2020
60 of 130
© 2020 Dialog Semiconductor
The RESET behavior is configurable with the options shown in Table 41.
Table 41: RIN_N Reset Timer Configuration
Register
Configuration Description
RIN_N_RST_REC
0x10 [1:0]
0: RESET event has no effect
1: Enter ship mode at RESET
2: Enter Hi-Z mode at RESET
PWR_CYC_MODE
0x12 [1]
0: Power-cycle triggered by VDD_PWR insertion / removal
1: Power-cycle triggered by RESET timer when VDD_PWR present
RIN_N_RST_ROUT_EN
0x10 [3:2]
0: Disable ROUT_N toggle at RESET
1: Enable ROUT_N toggle at RESET
2: Enable ROUT_N toggle at RESET only when VDD_PWR is present
The RIN_N timer can also be used to exit Ship mode. A WAKE1 event will trigger Ship mode exit,
with WAKE2 and RESET being ignored.
If ROUT_N is enabled, a RESET event will cause the ROUT_N output to toggle low for 400 msec
(typ). ROUT_N is an open-drain output that should be pulled-up to the logic rail with a 1 k
 to 100 k
resistor.
9.8.5
System Status Register
The System Status register (0x02) indicates the status of five system functions:
BUCK: High = enabled with no faults
BOOST: High = enabled with no faults
Charge Status: Ready, Charge in Progress, Charge Done, or Fault
MODE: Logic state of the MODE pin
Power-Cycle: High indicates that a power-cycle has occurred
Only the power-cycle bit shows previous events and is read-clear. The others are READ only,
reflecting the current status.
9.8.6
I2C Programming
The DA9070 includes an I2C compatible interface which allows READ/WRITE access to all registers.
The interface is disabled in some modes and is configurable as described in Table 42.
Table 42: I2C Interface Configuration
I2C_HIZ_EN
0x15 [0]
Ship mode
Hi-Z mode
Active battery mode
Charge mode
0
disabled
disabled
active
active
1
disabled
active
active
active
I2C communication uses the SDA and SCL are open drain I/O pins. These should be pulled up to
VDDIO with a 1k
 to 100k resistor. SCL is the serial clock generated by the host and SDA is the
serial address and data input/output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com