Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS307M-01 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS307M-01
Description  SERIALLY PROGRAMMABLE CLOCK SOURCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS307M-01 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS307M-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS307M-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS307M-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS307M-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS307M-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS307M-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS307M-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS307M-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS307M-01 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SERIALLY PROGRAMMABLE CLOCK SOURCE
MDS 307-01/02 F
5
Revision 121304
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297 -1 201 ● www.icst.com
ICS307-01/02
Bypass Mode
If R6:0 is programmed to 0000000, the PLL is powered down and bypassed; the reference frequency will
come from both CLK1 and CLK2. It is possible to generate glitches going into and out of this mode.
Configuring the ICS307
The ICS307 can be programmed to set the output functions and frequencies. The three data bytes are
written in DATA pin in this order:
C1 is loaded into the port first and R0 last.
R6:R0
Reference Divder Word (RDW)
V8:V0
VCO Divider Word (VDW)
S2:S0
Output Divider Select (OD)
F1:F0
Function of CLK2 Output
TTL
Duty Cycle Settings
C1:C0
Internal Load Capacitance for Crystal
The ICS307 can be reprogrammed at any time during operation. If R6:0, V8:0, TTL, or C1:0 are changed, the
frequency will transition smoothly to the new value over about 1 ms, without glitches or short cycles. If S2:0 is
changed, it is possible to generate glitches on CLK1 and also on CLK2 for F1:0 = 1 1.
Changing F1:0 will generate glitches on CLK2.
Power up default values for ICS307-02
The input frequency will come from both outputs.
A warning about using the default configuration with input frequencies lower than 13.75 MHz
The VCO will run only as low as its minimum frequency, which is guaranteed to be no more than 55 MHz.
So, in the powerup default condition, the PLL is guaranteed to lock to the input frequency down to 55/4 =
13.75 MHz. However, the part will typically run much slower. The typical minimum VCO frequency is about
30 - 40 MHz, depending on voltage, temperature, and lot variation; so in the powerup default setting, the
CLK2 output will be a minimum of 7.5 - 10 MHz even if the input frequency is lower than that. The output is
not locked to the reference input and so the frequency is not very stable and the phase noise is higher. In
this condition, the CLK2 output will accurately provide the reference frequency down to 0 Hz because this
signal path bypasses the PLL.
C1
C0
TTL
F1
F0
S2
S1
S0
V8
V7
V6
V5
V4
V3
V2
V1
V0
R6
R5
R4
R3
R2
R1
R0
MSB
LSB
MSB
LSB
MSB
LSB
001000
11
0000
0100
000
00110



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com