Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC866PCVR100A Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MPC866PCVR100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866PCVR100A Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MPC866PCVR100A Datasheet HTML 39Page - NXP Semiconductors MPC866PCVR100A Datasheet HTML 40Page - NXP Semiconductors MPC866PCVR100A Datasheet HTML 41Page - NXP Semiconductors MPC866PCVR100A Datasheet HTML 42Page - NXP Semiconductors MPC866PCVR100A Datasheet HTML 43Page - NXP Semiconductors MPC866PCVR100A Datasheet HTML 44Page - NXP Semiconductors MPC866PCVR100A Datasheet HTML 45Page - NXP Semiconductors MPC866PCVR100A Datasheet HTML 46Page - NXP Semiconductors MPC866PCVR100A Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
43
Bus Signal Timing
Table 13 shows the debug port timing for the MPC866/859.
Figure 32 shows the input timing for the debug port clock.
Figure 32. Debug Port Clock Input Timing
Figure 33 shows the timing for the debug port.
Figure 33. Debug Port Timings
Table 13. Debug Port Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
D61
DSCK cycle time
3xTCLOCKOUT
—
D62
DSCK clock pulse width
1.25xTCLOCKOUT
—
D63
DSCK rise and fall times
0.00
3.00
ns
D64
DSDI input data setup time
8.00
—
ns
D65
DSDI data hold time
5.00
—
ns
D66
DSCK low to DSDO data valid
0.00
15.00
ns
D67
DSCK low to DSDO invalid
0.00
2.00
ns
DSCK
D61
D61
D63
D62
D62
D63
DSCK
DSDI
DSDO
D64
D65
D66
D67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com