Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC866PCZP100A Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MPC866PCZP100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866PCZP100A Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MPC866PCZP100A Datasheet HTML 13Page - NXP Semiconductors MPC866PCZP100A Datasheet HTML 14Page - NXP Semiconductors MPC866PCZP100A Datasheet HTML 15Page - NXP Semiconductors MPC866PCZP100A Datasheet HTML 16Page - NXP Semiconductors MPC866PCZP100A Datasheet HTML 17Page - NXP Semiconductors MPC866PCZP100A Datasheet HTML 18Page - NXP Semiconductors MPC866PCZP100A Datasheet HTML 19Page - NXP Semiconductors MPC866PCZP100A Datasheet HTML 20Page - NXP Semiconductors MPC866PCZP100A Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
17
Bus Signal Timing
B1d
CLKOUT phase jitter peak-to-peak
for OSCLK
≥ 15 MHz
—
4
—4
—4
—4
ns
CLKOUT phase jitter peak-to-peak
for OSCLK < 15 MHz
—
5
—5
—5
—5
ns
B2
CLKOUT pulse width low (MIN = 0.4 x
B1, MAX = 0.6 x B1)
12.1
18.2
10.0
15.0
8.0
12.0
6.1
9.1
ns
B3
CLKOUT pulse width high (MIN = 0.4 x
B1, MAX = 0.6 x B1)
12.1
18.2
10.0
15.0
8.0
12.0
6.1
9.1
ns
B4
CLKOUT rise time
—
4.00
—
4.00
—
4.00
—
4.00
ns
B5
CLKOUT fall time
—
4.00
—
4.00
—
4.00
—
4.00
ns
B7
CLKOUT to A(0:31), BADDR(28:30),
RD/WR, BURST, D(0:31), DP(0:3)
output hold (MIN = 0.25 x B1)
7.60
—
6.30
—
5.00
—
3.80
—
ns
B7a
CLKOUT to TSIZ(0:1), REG, RSV,
AT(0:3), BDIP, PTR output hold (MIN =
0.25 x B1)
7.60
—
6.30
—
5.00
—
3.80
—
ns
B7b
CLKOUT to BR, BG, FRZ, VFLS(0:1),
VF(0:2), IWP(0:2), LWP(0:1), STS
output hold (MIN = 0.25 x B1)
7.60
—
6.30
—
5.00
—
3.80
—
ns
B8
CLKOUT to A(0:31), BADDR(28:30)
RD/WR, BURST, D(0:31), DP(0:3),
valid (MAX = 0.25 x B1 + 6.3)
—
13.80
—
12.50
—
11.30
—
10.00
ns
B8a
CLKOUT to TSIZ(0:1), REG, RSV,
AT(0:3), BDIP, PTR valid (MAX = 0.25
x B1 + 6.3)
—
13.80
—
12.50
—
11.30
—
10.00
ns
B8b
CLKOUT to BR, BG, VFLS(0:1),
VF(0:2), IWP(0:2), FRZ, LWP(0:1),
STS valid 4 (MAX = 0.25 x B1 + 6.3)
—
13.80
—
12.50
—
11.30
—
10.00
ns
B9
CLKOUT to A(0:31), BADDR(28:30),
RD/WR, BURST, D(0:31), DP(0:3),
TSIZ(0:1), REG, RSV, AT(0:3), PTR
High-Z (MAX = 0.25 x B1 + 6.3)
7.60
13.80
6.30
12.50
5.00
11.30
3.80
10.00
ns
B11
CLKOUT to TS, BB assertion (MAX =
0.25 x B1 + 6.0)
7.60
13.60
6.30
12.30
5.00
11.00
3.80
9.80
ns
B11a CLKOUT to TA, BI assertion (when
driven by the memory controller or
PCMCIA interface) (MAX = 0.00 x B1 +
9.30 1)
2.50
9.30
2.50
9.30
2.50
9.30
2.50
9.80
ns
B12
CLKOUT to TS, BB negation (MAX =
0.25 x B1 + 4.8)
7.60
12.30
6.30
11.00
5.00
9.80
3.80
8.50
ns
Table 9. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com