Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS525-01RT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS525-01RT
Description  User Configurable Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525-01RT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS525-01RT Datasheet HTML 1Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 2Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 3Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 4Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 5Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 6Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 7Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 8Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ICS525-01/02/11/12
MDS 525-01/02/11/12 Q
1
Revision 101105
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
User Configurable Clock
Description
The ICS525-01/02/11/12 are the most flexible way to
generate a high-quality, high-accuracy, high-frequency
clock output from an inexpensive crystal or clock input.
The user can configure the device to produce nearly
any output frequency from any input frequency by
grounding or floating the select pins. Neither
microcontroller, software, nor device programmer are
needed to set the frequency. Using Phase-Locked
Loop (PLL) techniques, the device accepts a standard
fundamental mode, inexpensive crystal to produce
output clocks up to 250 MHz. It can also produce a
highly accurate output clock from a given input clock,
keeping them frequency locked together.
For similar capability with a serial interface, use the
ICS307. For simple multipliers to produce common
frequencies, refer to the ICS50x family of parts, which
are smaller and more cost effective.
These products are intended for clock generation. They
have low output jitter (variation in the output period), but
input to output skew and jitter are not defined nor
guaranteed. For applications which require defined
input to output timing, use the ICS527-01.
Features
• Packaged as 28-pin SSOP (150 mil body)
• Industrial and commercial versions available in Pb
(lead) free package
• User determines the output frequency by setting all
internal dividers
• Eliminates need for custom oscillators
• No software needed
• Online calculator determines register settings
• Pull-ups on all select inputs
• Input crystal frequency of 5 - 27 MHz
• Input clock frequency of 2 - 50 MHz
• Very low jitter
• Duty cycle of 45/55 up to 200 MHz
• Operating voltage of 3.0 V or 5.5 V
• Ideal for oscillator replacement
• Industrial temperature version available
• For Zero Delay, refer to the ICS527
Block Diagram
VDD
GND
2
2
CLK
REF
Reference
Divider
Phase Comparator,
Charge Pump, and
Loop Filter
VCO
VCO
Divider
Output
Divider
9
73
R6:R0
V8:V0
S2:S0
X1/ICLK
X2
Crystal or clock
input
Optional crystal capacitors
Crystal
Oscillator
PD


Similar Part No. - ICS525-01RT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-01RT ICST-ICS525-01RT Datasheet
70Kb / 8P
OSCaR??User Configurable Clock
Revision 071100
More results

Similar Description - ICS525-01RT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
OSCaR??User Configurable Clock
Revision 071100
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
Clock Slicer??User Configurable Zero Delay Buffer
Revision 020801
ICS5250708 ICST-ICS5250708 Datasheet
187Kb / 9P
LVCMOS User Configurable Clock
Revision 101105
ICS525-04 ICST-ICS525-04 Datasheet
154Kb / 7P
OSCaR-TM User Configurable PECL Clock
Revision 091802
logo
Integrated Device Techn...
ICS527R-01ILF IDT-ICS527R-01ILF Datasheet
116Kb / 11P
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
logo
Renesas Technology Corp
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
USER CONFIGURABLE CLOCK
AUGUST 23, 2021
ICS525-04 RENESAS-ICS525-04 Datasheet
239Kb / 9P
OSCAR™ USER CONFIGURABLE PECL CLOCK
051310
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com