Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL30264LDF1 Datasheet(PDF) 68 Page - Microchip Technology

Part # ZL30264LDF1
Description  2-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30264LDF1 Datasheet(HTML) 68 Page - Microchip Technology

Back Button ZL30264LDF1 Datasheet HTML 64Page - Microchip Technology ZL30264LDF1 Datasheet HTML 65Page - Microchip Technology ZL30264LDF1 Datasheet HTML 66Page - Microchip Technology ZL30264LDF1 Datasheet HTML 67Page - Microchip Technology ZL30264LDF1 Datasheet HTML 68Page - Microchip Technology ZL30264LDF1 Datasheet HTML 69Page - Microchip Technology ZL30264LDF1 Datasheet HTML 70Page - Microchip Technology ZL30264LDF1 Datasheet HTML 71Page - Microchip Technology ZL30264LDF1 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 93 page
background image
ZL30264-ZL30267
Data Sheet
68
© 2021 Microchip Technology Inc.
DS20006555A
Register Name:
OCxDIFF
Register Description:
Output Clock x Start Stop Register
Register Address:
OC1: 202h, OC2: 212h, OC3: 222h, OC4: 232h, OC5: 242h
OC6: 252h, OC7: 262h, OC8: 272h, OC9: 282h, OC10: 292h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
VCM[3:0]
VOD[3:0]
Default
0
0
0
0
0
1
0
1
Bits 7 to 4: Differential Common-Mode Voltage (VCM[3:0]). This field specifies the common-mode voltage for
the differential output driver. See section 5.6.1.
0000 = 1.23V (default)
– typical for LVDS and AC-coupled LVPECL
0011 = 1.0V
0100 = 1.1V
0101 = 1.3V
0110 = 1.4V
0111 = 1.5V
1000 = 1.6V
1001 = 1.7V
1010 = 1.8V
1011 = 1.9V
1100 = 2.0V
– typical for DC-coupled LVPECL
1101 = 2.1V
1111 = Use this setting for HCSL signal format
All other values reserved
Bits 3 to 0: Differential Swing Voltage (VOD[3:0]). This field specifies the differential output voltage (VOD) for the
differential output driver. In the device this field actually controls driver output current. When the specified current is
driven into the required external 100
 termination resistor, the voltage across the termination resistor is the desired
VOD. See Figure 16 for the definition of VOD. VOD is equivalent to the single-ended voltage swing of the OCxP pin or
the OCxN pin. This field is ignored and VOD is set to 400mV when OCxCR2.OCSF=0001 (LVDS). See section
5.6.1.
0000 = 300mV (3mA driver current)
0001 = 400mV
– typical for LVDS
0010 = 500mV
0011 = 600mV
0100 = 700mV
0101 = 800mV
– default value, typical for LVPECL
0110 = 900mV (9mA driver current)
1010 = Use this setting for HCSL signal format
All other values reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com