Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL30265LDF1 Datasheet(PDF) 60 Page - Microchip Technology

Part # ZL30265LDF1
Description  2-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30265LDF1 Datasheet(HTML) 60 Page - Microchip Technology

Back Button ZL30265LDF1 Datasheet HTML 56Page - Microchip Technology ZL30265LDF1 Datasheet HTML 57Page - Microchip Technology ZL30265LDF1 Datasheet HTML 58Page - Microchip Technology ZL30265LDF1 Datasheet HTML 59Page - Microchip Technology ZL30265LDF1 Datasheet HTML 60Page - Microchip Technology ZL30265LDF1 Datasheet HTML 61Page - Microchip Technology ZL30265LDF1 Datasheet HTML 62Page - Microchip Technology ZL30265LDF1 Datasheet HTML 63Page - Microchip Technology ZL30265LDF1 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 93 page
background image
ZL30264-ZL30267
Data Sheet
60
© 2021 Microchip Technology Inc.
DS20006555A
Register Name:
ASCR, A2SCR
Register Description:
APLL Spread Spectrum Configuration Register 1
Register Address:
APLL1: 116h, APLL2: 196h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
CNTEN[1:0]
DWNEN
SSEN
SPRDSS[2:0]
Default
0
0
0
0
0
0
0
0
Bits 6 to 5: Count Enable (CNTEN[1:0]). This field can be used to specify a count, or divide, value to divide the
APLL feedback divider clock down as needed for clocking the spread-spectrum logic when doing spread-spectrum
modulation in the fractional output divider. See section 5.5.8.2.
Bit 4: Spread Spectrum Down Only (DWNEN). Spread spectrum frequency modulation can be either center-
spread or down-spread. See section 5.5.8.
0 = Center-spread
1 = Down-spread
Bit 3: Spread Spectrum Enable (SSEN). When SPRDSS (see below) is set to 000, this bit enables spread
spectrum modulation in the APLL. See section 5.5.8.
Bits 2 to 0: Spread Spectrum Enable Source Select (SPRDSS[2:0]). This field specifies the APLL spread
spectrum enable control signal. See section 5.5.8.
000 = SSEN bit
001 = GPIO0
010 = GPIO1
011 = GPIO2
100 = GPIO3
101 to 111 = {unused values}
Register Name:
ASCNT1, A2SCNT1
Register Description:
APLL Spread Spectrum Count Register 1
Register Address:
APLL1: 117h, APLL2: 197h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
ASCNT[7:0]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: APLL Spread-Spectrum Count (ASCNT[7:0]). The full 16-bit ASCNT[15:0] register spans this
register and ASCNT2. ASCNT is an unsigned integer that specifies the number of cycles
of the APLL’s input clock
that the device increments the output frequency and then the number of cycles that the device decrements the
output frequency. See section 5.5.8.
Register Name:
ASCNT2, A2SCNT2
Register Description:
APLL Spread Spectrum Count Register 1
Register Address:
APLL1: 118h, APLL2: 198h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
ASCNT[15:8]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: APLL Spread-Spectrum Count (ASCNT[15:8]). See the ASCNT1 register description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com