Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX14919 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14919
Description  Robust Operation with a Wide Range of Input Voltages and Load Conditions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14919 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14919 Datasheet HTML 1Page - Maxim Integrated Products MAX14919 Datasheet HTML 2Page - Maxim Integrated Products MAX14919 Datasheet HTML 3Page - Maxim Integrated Products MAX14919 Datasheet HTML 4Page - Maxim Integrated Products MAX14919 Datasheet HTML 5Page - Maxim Integrated Products MAX14919 Datasheet HTML 6Page - Maxim Integrated Products MAX14919 Datasheet HTML 7Page - Maxim Integrated Products MAX14919 Datasheet HTML 8Page - Maxim Integrated Products MAX14919 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX14919
MAX14919 Evaluation Kit
Table 2. MAX14919 EV Kit Terminal Description
TERMINAL
POSITION
NAME
FUNCTION DESCRIPTION
VIN
1
Isolated power
input
Positive supply input for isolated power, +3V to +5V
2
Isolated power
GND/return
Negative/return of the supply for isolated power.
TERMINAL 1
1
VDDB
VDDB: The VDDB supply input connected to MAX14483 for signal isolation.
2
FIELD_
PWR_OK
FIELD_PWR_OK: Output from Digital Isolator. Default high, indicating power
good signal from the field side. When the field side is not present, the signal
goes low, indicating a fault. This signal is driven from MAX14919 from the field
side.
3
ISO_FAULT
ISO_FAULT: Isolated fault-detect logic-side output for user control/monitor.
Signal driven from the field side in the presence of a fault condition.
(Jumper J3 is installed)
See Table 3.
4
ISO_REV
ISO_REV: isolated reverse-current-detect logic output for user control/monitor.
Signal driven from the field side in the presence of a reverse-load connection.
(Jumper J4 is installed).
See Table 3.
5
ISO_IN1
ISO_IN1: Input to digital isolator. Input logic side to control MAX14919 IN1
switch input (field side).
See Table 3.
6
ISO_IN2
ISO_IN2: Input to digital isolator. Input logic side to control MAX14919 IN2
switch input (field side).
7
ISO_IN3
ISO_IN3: Input to digital isolator. Input logic side to control MAX14919 IN3
switch input (field side) .
8
ISO_IN4
ISO_IN4: Input to digital isolator. Input logic side to control MAX14919 IN4
switch input (field side).
9, 10
GNDB
Ground/return signals for VDDB supply
TERMINAL 2
1
+24V_FIELD_
SUPPLY_
FIELD_SUPPLY_INPUT: when MAX14919 chosen to power from field
supply input, J1 jumper is installed across 2-3 to connect this input to VDD
of MAX14919.
2
OUT1
OUT1: Output of low-side switch channel 1. This terminal is connected
to the load.
3
OUT2
OUT2: Output of low-side switch channel 2. This terminal is connected
to the load.
4
OUT3
OUT3: Output of low-side switch channel 3. This terminal is connected
to the load.
5
OUT4
OUT4: Output of low-side switch channel 4. This terminal is connected
to the load.
6, 7, 8
COM
Load return signal. This signal must be lower than load potential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com