Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRG4MC50F Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4MC50F
Description  INSULATED GATE BIPOLAR TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4MC50F Datasheet(HTML) 1 Page - International Rectifier

  IRG4MC50F Datasheet HTML 1Page - International Rectifier IRG4MC50F Datasheet HTML 2Page - International Rectifier IRG4MC50F Datasheet HTML 3Page - International Rectifier IRG4MC50F Datasheet HTML 4Page - International Rectifier IRG4MC50F Datasheet HTML 5Page - International Rectifier IRG4MC50F Datasheet HTML 6Page - International Rectifier IRG4MC50F Datasheet HTML 7Page - International Rectifier IRG4MC50F Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRG4MC50F
INSULATED GATE BIPOLAR TRANSISTOR
E
C
G
n-channel
Features
Benefits
VCES = 600V
VCE(on) max = 2.0V
@VGE = 15V, IC = 30A
Parameter
Max.
Units
VCES
Collector-to-Emitter Breakdown Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
35*
IC @ TC = 100°C
Continuous Collector Current
30
A
ICM
Pulsed Collector Current ➀
➀
➀
➀
➀
140
ILM
Clamped Inductive Load Current ➁
➁
➁
➁
➁
140
VGE
Gate-to-Emitter Voltage
± 20
V
PD @ TC = 25°C
Maximum Power Dissipation
150
W
PD @ TC = 100°C
Maximum Power Dissipation
60
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
°C
Lead Temperature
300 (0.063in./1.6mm from case for 10s)
Weight
9.3 (typical)
g
Absolute Maximum Ratings
02/08/02
www.irf.com
1
Fast Speed IGBT
• Electrically Isolated and Hermetically Sealed
• Simple Drive Requirements
• Latch-proof
• Fast Speed operation 3 kHz - 8 kHz
• High operating frequency
• Switching-loss rating includes all "tail" losses
• Ceramic eyelets
• Generation 4 IGBT's offer highest efficiency available
• IGBT's optimized for specified application conditions
• Designed to be a "drop-in" replacement for equivalent
IR Hi-Rel Generation 3 IGBT's
Insulated Gate Bipolar Transistors (IGBTs) from International Rectifier have
higher usable current densities than comparable bipolar transistors, while at
the same time having simpler gate-drive requirements of the familiar power
MOSFET. They provide substantial benefits to a host of high-voltage, high-
current applications.
TO-254AA
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
—
—
0.83
°C/W
* Current is limited by internal wire diameter
PD -94274A


Similar Part No. - IRG4MC50F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4MC50F IRF-IRG4MC50F Datasheet
144Kb / 8P
Simple Drive Requirements
IRG4MC50F IRF-IRG4MC50F_15 Datasheet
144Kb / 8P
Simple Drive Requirements
More results

Similar Description - IRG4MC50F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
GA200SA60SP IRF-GA200SA60SP Datasheet
322Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC40WS IRF-IRG4BC40WS Datasheet
343Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF Datasheet
252Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC50SPBF IRF-IRG4PC50SPBF Datasheet
982Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4P254SPBF IRF-IRG4P254SPBF Datasheet
329Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC10SPBF IRF-IRG4BC10SPBF Datasheet
266Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG7PH50UPBF IRF-IRG7PH50UPBF Datasheet
366Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC20WPBF IRF-IRG4BC20WPBF Datasheet
209Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRGP4066PBF IRF-IRGP4066PBF Datasheet
275Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com