Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VAZ-IM1-LR-RADIUS-BOLT-S Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # VAZ-IM1-LR-RADIUS-BOLT-S
Description  Safety switch actuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VAZ-IM1-LR-RADIUS-BOLT-S Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  VAZ-IM1-LR-RADIUS-BOLT-S Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Safety switch actuator
VAZ-IM1-LR-RADIUS-BOLT-S
1
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Model number
VAZ-IM1-LR-RADIUS-BOLT-S
Hinged actuator for right/left mounted
doors, for AS-Interface safety switches
Features
• Spring-mounted actuator for radii >
100 mm
Function
The hinged actuator VAZ-IM1-LR-RADIUS-
BOLT-S is intended for use on left or right-
mounted doors with door radius between
100 mm and 1000 mm. Damage caused by
jamming on the actuating head is prevented
by the spring actuator. The Niro safety
screws, which are included in the scope of
supply, can be screwed in with a normal tool
and prevent unscrewing.
Dimensions
Technical data
Mechanical specifications
Material
stainless steel
Mounting screw
stainless steel
door radius
r
100 ... 1000 mm
door stop
left/right
caster
5 mm
General information
Scope of delivery
1 hinged actuator, for right- and left-mounted doors 2 safety
screws, stainless steel M5 x 10
adjusting
screw
40
50
Ø 5.5
14


Similar Part No. - VAZ-IM1-LR-RADIUS-BOLT-S

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VAZ-IM1-BASE-BOLT-S PF-VAZ-IM1-BASE-BOLT-S Datasheet
115Kb / 1P
Safety switch accessories
VAZ-IM1-BASE-S PF-VAZ-IM1-BASE-S Datasheet
108Kb / 1P
Safety switch accessories
VAZ-IM1-BOLT-S PF-VAZ-IM1-BOLT-S Datasheet
130Kb / 1P
Safety switch actuator
VAZ-IM1-TD-RADIUS-BOLT-S PF-VAZ-IM1-TD-RADIUS-BOLT-S Datasheet
137Kb / 1P
Safety switch actuator
More results

Similar Description - VAZ-IM1-LR-RADIUS-BOLT-S

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
JX-58 HONEYWELL-JX-58 Datasheet
55Kb / 1P
ACTUATOR-SWITCH
logo
Honeywell Accelerometer...
JX-40 HONEYWELL-ACC-JX-40 Datasheet
61Kb / 1P
ACTUATOR-SWITCH
JS-94 HONEYWELL-ACC-JS-94 Datasheet
40Kb / 1P
ACTUATOR - SWITCH
JS-308 HONEYWELL-ACC-JS-308 Datasheet
52Kb / 2P
ACTUATOR - SWITCH
logo
Honeywell Solid State E...
JS-87 HONEYWELL-JS-87 Datasheet
44Kb / 1P
ACTUATOR - SWITCH
logo
Honeywell Accelerometer...
JS-307 HONEYWELL-ACC-JS-307 Datasheet
50Kb / 1P
ACTUATOR-SWITCH
logo
List of Unclassifed Man...
JE-50 ETC2-JE-50 Datasheet
44Kb / 1P
ACTUATOR-SWITCH
JX-47 ETC2-JX-47 Datasheet
48Kb / 1P
ACTUATOR-SWITCH
logo
Pepperl+Fuchs Inc.
VAZ-IM1-TD-RADIUS-BOLT-S PF-VAZ-IM1-TD-RADIUS-BOLT-S Datasheet
137Kb / 1P
Safety switch actuator
VAZ-IM1-BOLT-S PF-VAZ-IM1-BOLT-S Datasheet
130Kb / 1P
Safety switch actuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com