Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA16200 Datasheet(PDF) 74 Page - Dialog Semiconductor

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA16200 Datasheet(HTML) 74 Page - Dialog Semiconductor

Back Button DA16200 Datasheet HTML 70Page - Dialog Semiconductor DA16200 Datasheet HTML 71Page - Dialog Semiconductor DA16200 Datasheet HTML 72Page - Dialog Semiconductor DA16200 Datasheet HTML 73Page - Dialog Semiconductor DA16200 Datasheet HTML 74Page - Dialog Semiconductor DA16200 Datasheet HTML 75Page - Dialog Semiconductor DA16200 Datasheet HTML 76Page - Dialog Semiconductor DA16200 Datasheet HTML 77Page - Dialog Semiconductor DA16200 Datasheet HTML 78Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 94 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.3
03-Feb-2021
CFR0011-120-00
74 of 94
© 2021 Dialog Semiconductor
Table 59 shows the JTAG timing parameters.
Table 59: JTAG Timing Parameters
Parameter Number
Parameter
Parameter Name
Min
Max
Unit
J1
fTCK
Clock Frequency
15
MHz
J2
tTCK
Clock Period
1/fTCK
ns
J3
tCL
Clock Low Period
tTCK/2
ns
J4
tCH
Clock High Period
tTCK/2
ns
J7
tTMS_SU
TMS Setup Time
1
J8
tTMS_HO
TMS Hold Time
16
J9
tTDI_SU
TDI Setup Time
1
J10
tTDI_HO
TDI Hold Time
16
J11
tTDO_HO
TDO Hold Time
15
Table 60 shows the pin definition of the JTAG interface.
Table 60: JTAG Pin Configuration
Pin Name
Pin Number
I/O
Function Name
QFN
fcCSP
TMS
6
J11
I/O
Data
TCLK
7
J9
I
Clock
GPIOC8
8
K10
I
TDI: Data Input
GPIOC7
9
K12
O
TDO: Data Output
GPIOC6
10
L11
I
nTRST: Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com