Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IW248 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # IW248
Description  Smart IGBT Driver and Controller Solution for Inductive Heating Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW248 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button IW248 Datasheet HTML 9Page - Dialog Semiconductor IW248 Datasheet HTML 10Page - Dialog Semiconductor IW248 Datasheet HTML 11Page - Dialog Semiconductor IW248 Datasheet HTML 12Page - Dialog Semiconductor IW248 Datasheet HTML 13Page - Dialog Semiconductor IW248 Datasheet HTML 14Page - Dialog Semiconductor IW248 Datasheet HTML 15Page - Dialog Semiconductor IW248 Datasheet HTML 16Page - Dialog Semiconductor IW248 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
iW248
Smart IGBT Driver and Controller
Solution for Inductive Heating Control
Rev. 1.2
Datasheet
© 2020 Dialog Semiconductor
www.dialog-semiconductor.com
13 of 18
10-Dec-2020
9.4.3 Input Surge Current
If the input current is greater than 40A (programmable via digital bus from 20A to 57.5A) for more than 10ms (program-
mable between 6ms to 21ms), the output switching pulse is disabled. The circuit waits for 3 seconds and goes back to
the input voltage detection state.
9.4.4 Input Current Transient
The absolute value of the input current on each AC cycle is monitored and compared to the current in the previous
cycle. If the absolute value of the input current exceeds the absolute value of the current from the previous cycle by 2A
(programmable to 0.5A/1A/2A or 3A), the TON time is reset to minimum and increased gradually to the target power.
This can also be programmed to reduce the output power to the minimum level and stay there for 3 seconds after the
fault is removed. The minimum power will be the power target/skip power target.
9.4.5 Input Voltage Transient
Similar to the Input Current Transient protection, the RMS voltage is measured and compared to the previous AC
cycle. If the voltage changes by more than 20V default (programmable from 8V to 68V), the controller changes the
output power to the minimum value and stays at minimum power for 3 seconds after the fault is removed. The mini-
mum power will be the power target/skip power target.
9.4.6 Input Over and Under Voltage
If the input voltage exceeds an internal high voltage threshold of 285V (programmable) for more than 8 consecutive
AC cycles, the switching is disabled until the input voltage drops to a normal operating voltage range. At this point, the
controller restarts the start-up sequence.
If the input voltage drops below an internal low voltage threshold of 125V (programmable) for more than 8 AC cycles
(number of cycles is also programmable to 2/4/8/15), switching is disabled until the input voltage returns to a normal
operating voltage range. At this point, the controller goes back to input voltage detection state.
9.4.7 Input Surge Voltage Protection
If the input voltage exceeds 600V the output is immediately disabled and the circuit is shut down until fault removal
and stays off for 3 seconds after fault removal. After the 3 seconds period times out, the controller goes back to input
voltage detection state.
9.4.8 Switching Frequency Protection
The iW248 modulates the on-time to control the output power, but it also monitors on-time to protect the IGBT from
failure. If the switching frequency goes below a minimum switching frequency the device will automatically reduce the
on-time by 1ms. If the frequency stays below the minimum switching frequency for more than 8 AC cycles, the system
will be restarted by a software and POR reset.
If the 1ms reduction to the on-time is enough to bring the switching frequency above the 16kHz minimum, the on-time
will keep this adjusted value until the switching frequency goes above the minimum switching frequency plus some
hysteresis calculated by equation 9.1.
=
SW_OK
F
−
1
SW_MIN
F
2µs
1
(
)
(9.1)
The iW248 also includes maximum switching frequency protection. Once the switching frequency exceeds the maximum
value, the iW248 counts and stores the number of cycles when the switching frequency is above the maximum value. If
the value goes 10kHz above the maximum switching frequency for 8 AC cycles, the system will reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com