| Electronic Components Datasheet Search |
|
SC14CVMDECTSF02T Datasheet(PDF) 19 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SC14CVMDECTSF02T Datasheet(HTML) 19 Page - Dialog Semiconductor |
|
19 / 57 page ![]() Datasheet Revision 3.0 28-Jul-2015 CFR0011-120-00-FM Rev 5 19 of 57 © 2013 Dialog Semiconductor SC14CVMDECT SF Cordless Voice Module FINAL 4.5.2 Earpiece mode In Earpiece mode (Handset speaker) an artificial sid- etone is generated. The level of the sidetone can be adjusted and setup in the VES through parameter fields Audio.Earp.Vol.Elementx, SideToneGain and Audio.Heads. Elementx.SideToneGain. In Earpiece mode it is possible to adjust the volume in the Earpiece via API calls. In Earpiece mode the PP audio is routed as shown in Figure 11. 4.5.3 Alert mode The Alert mode is for generating tones and melodies on the Speakerphone loudspeaker. In Alert mode it is possible to adjust the volume in the speaker via API calls. Inband tones will be affected by the volume adjustments, since the volume control takes place after tones are added to the signal. Figure 11 shows the Audio flow. 4.6 CALL HANDLING 4.6.1 FP to PP call When the FP initializes a call to a PP, a radio connec- tion is set up to all PP applications to make it possible for the PP application software to indicate that there is an incoming call. It is possible to configure the ringing indication using broadcast to make all 64 PPs ringing. 4.6.2 PP to FP call When the MMI software signals the PP to establish a call, the PP opens the radio connection to the FP. 4.6.3 Intercom Figure 15 shows the audio routing of an internal call between PP1 and PP2. In the FP no transcoding takes place. 4.6.4 Conference Figure 16 shows the audio routing of a 9-party confer- ence call. 4.6.5 Page call The Page call is an FP functionality used to locate the registered PPs. FP paging does not establish a normal audio connection and is terminated when answered by the PP. 4.7 TONE/MELODY HANDLING The tone component handles the generation of various tones in the device. Both tones/melodies in a PP con- figuration are supported. The main features of the tone component are: • Ringer tones and melodies (7-tone polyphonic) • Alert tones (key sound, error tones, confirmation tones, etc.) • Inband tones (dial tone, net-congestion tone, busy tone, etc.) • Single tone generation 4.8 DATE AND REAL-TIME CLOCK The FP has a real-time clock feature, which (when acti- vated) broadcasts the date and time of day to the PPs. Activation of the date and real-time clock is done by setting the date and time via the PP. The clock supports hours, minutes and date. The date supports leap years. Daylight saving time is not sup- ported and must be handled by the MMI application. The PP clock is synchronized with the FP every time a broadcast is received. If the PP goes out-of-lock, the PP itself calculates the clock time until the PP is again within the range of the FP. The updated clock time can be read locally via the MMI software. To adjust the clock in the FP, a service connection can be set up via commands from the PP. Figure 15: Intercom connection CVMDECT FP CVMDECT PP2 CVMDECT PP1 PCM Figure 16: Conference connection CVMDECT PP4 CVMDECT PP1 4CH PCM MIX CVMDECT FP Analog |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |