Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WL40W1F-DAC4AS/E Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # WL40W1F-DAC4AS/E
Description  Wireless I/O WL40F Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WL40W1F-DAC4AS/E Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  WL40W1F-DAC4AS/E Datasheet HTML 1Page - M-System Co.,Ltd. WL40W1F-DAC4AS/E Datasheet HTML 2Page - M-System Co.,Ltd. WL40W1F-DAC4AS/E Datasheet HTML 3Page - M-System Co.,Ltd. WL40W1F-DAC4AS/E Datasheet HTML 4Page - M-System Co.,Ltd. WL40W1F-DAC4AS/E Datasheet HTML 5Page - M-System Co.,Ltd. WL40W1F-DAC4AS/E Datasheet HTML 6Page - M-System Co.,Ltd. WL40W1F-DAC4AS/E Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: WL40W1F-DAC4A
WL40W1F SPECIFICATIONS
ES-9083 Rev.1 Page 2/7
http://www.m-system.co.jp/
Channels: 1 to 43ch
Security: 128bit AES
Indicator LEDs: 920Run, 920Link, 920ERR
Protocol: Modbus-RTU
Communication module: Coordinator module incorporated
(Oki Electric Industry Co., Ltd. )
Radio parameters setting: Configurator software
Antenna
•Sleeve antenna (Model: MH920-ANT-F (S))
Indoor use
Non-waterproof
Non-directional
Gain: 3.0dBi max.
•Rooftop antenna (Model: MH920-ANT-F (R))
Outdoor/indoor use
Cable length: 2.5 m
Waterproof performance: IPx6 (except connector)
Non-directional
Gain: 2.0dBi max.
INPUT SPECIFICATIONS
■CONTACT INPUT (NPN/PNP)
Number of input: 2 points
Rated input voltage:
24 V DC: ±10 %, ripple 5 %p-p max. (for power input 24 V
DC)
12 V DC: ±10 %, ripple 5 %p-p max. (for power input 12 V
DC)
ON voltage/ON Current:
≥ 16 V DC (between input terminal and COM)/ ≥ 3.7 mA
(for power input 24 V DC)
≥ 7.5 V DC (between input terminal and COM)/ ≥ 3.7 mA
(for power input 12 V DC)
OFF voltage/OFF current:
≤ 5 V DC (between input terminal and COM)/ ≥ 1 mA (for
power input 24 V DC)
≤ 3 V DC (between input terminal and COM)/ ≥ 1 mA (for
power input 12 V DC)
Input current:
≤ 5.5 mA (at 24 V DC) (for power input 24 V DC)
≤ 5.5 mA (at 12 V DC) (for power input 12 V DC)
Input resistance:
approx. 4.4 kΩ (for power input 24 V DC)
approx. 2.2 kΩ (for power input 12 V DC)
Read rate: ≤ 5 msec.
ON delay time: ≤ 2.0 msec.
OFF delay time: ≤ 2.0 msec.
Contact input status indicator LED: lights up when the
contact is ON (Dl1, Dl2).
OUTPUT SPECIFICATIONS
Output setting: Configurator software
■TRANSISTOR OUTPUT
Number of output: 2 points
Common: Negative common (NPN)
Rated load voltage:
24 V DC: ±10 %, ripple 5 %p-p max. (for power input 24 V
DC)
12 V DC: ±10 %, ripple 5 %p-p max. (for power input 12 V
DC)
Rated output current: 0.1 A
Residual voltage: ≤ 1.2 V
Leakage current: ≤ 0.1 mA
ON delay time: ≤ 2.0 msec.
OFF delay time: ≤ 2.0 msec.
Overload current protection function: Limits the current
value when overcurrent is detected.
Overheat protection function: Turns OFF the outputs when
overheat is detected. (When driving an inductive load,
connect a diode in parallel with the load.)
Transistor output status indicator LED: lights up when the
contact is ON (DO1, DO2).
INSTALLATION
Current consumption:
24 V DC: ≤ 70 mA (contact I/O load charge is not included)
12 V DC: ≤ 130mA (contact I/O load charge is not included)
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -10 to +55°C (14 to +131°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight
Unit: Approx. 260 g (0.57 lb)
Sleeve antenna (standard): 27 g (0.95 oz)
Rooftop antenna: 52 g (1.83 oz)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(power input to FE1 to contact input to transistor output to
antenna connector)
STANDARDS & APPROVALS
Module conforming to FCC Part 15 incorporated



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com