Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP-SC591 Datasheet(PDF) 23 Page - Analog Devices

Part # ADSP-SC591
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC591 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADSP-SC591 Datasheet HTML 19Page - Analog Devices ADSP-SC591 Datasheet HTML 20Page - Analog Devices ADSP-SC591 Datasheet HTML 21Page - Analog Devices ADSP-SC591 Datasheet HTML 22Page - Analog Devices ADSP-SC591 Datasheet HTML 23Page - Analog Devices ADSP-SC591 Datasheet HTML 24Page - Analog Devices ADSP-SC591 Datasheet HTML 25Page - Analog Devices ADSP-SC591 Datasheet HTML 26Page - Analog Devices ADSP-SC591 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 143 page
background image
Rev. PrD
|
Page 23 of 143
|
May 2021
ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594
Preliminary Technical Data
Thermal Monitoring Unit (TMU)
The thermal monitoring unit (TMU) provides on-chip tem-
perature measurement for applications that require substantial
power consumption. The TMU is integrated into the processor
die and digital infrastructure using an MMR-based system
access to measure the die temperature variations in real-time.
TMU features include the following:
• On-chip temperature sensing
• Programmable over temperature and under temperature
limits
• Programmable conversion rate
• Averaging feature available
Power Supplies
The processors have separate power supply connections for
• Internal (VDD_INT)
• External (VDD_EXT)
• External (VDD_REF)
• HADC/TMU (VDD_ANA)
• DMC (VDD_DMC)
• PLL (VDD_PLL)
All power supplies must meet the specifications provided in the
Preliminary Operating Conditions section. All external supply
pins must be connected to the same power supply.
Power Management
As shown in Table 8, the processors support six different power
domains, which maximizes flexibility while maintaining com-
pliance with industry standards and conventions.
The power dissipated by a processor is largely a function of the
clock frequency and the square of the operating voltage. For
example, reducing the clock frequency by 25% results in a 25%
reduction in dynamic power dissipation.
Power-Up and Power-Down Sequencing
At all times (including during power-up/power-down sequenc-
ing), the VDD_REF, VDD_ANA, and VDD_EXT supplies must
stay within the VDELTA_EXT_REF specification listed in the Pre-
liminary Operating Conditions table. SYS_XTAL0 and
SYS_XTAL1 oscillations (SYS_CLKIN0 and SYS_CLKIN1)
start when power is applied to the VDD_REF pins. The rising
edge of SYS_HWRST initiates the PLL locking sequence. The
rising edge of SYS_HWRST must occur after all voltage supplies
and SYS_CLKIN0 and SYS_CLKIN1 oscillations are valid. For
further details and information, see the Power-Up Reset Timing
section.
Target Board JTAG Emulator Connector
The Analog Devices DSP tools product line of JTAG emulators
uses the IEEE 1149.1 JTAG test access port of the processors to
monitor and control the target board processor during emula-
tion. The Analog Devices DSP tools product line of JTAG
emulators provides emulation at full processor speed, allowing
inspection and modification of memory, registers, and proces-
sor stacks. The processor JTAG interface ensures the emulator
does not affect target system loading or timing.
For information on JTAG emulator operation, see the appropri-
ate emulator hardware user’s guide at SHARC Processors
Software and Tools.
SYSTEM DEBUG
The processors include various features that allow easy system
debug. These are described in the following sections.
System Watchpoint Unit (SWU)
The system watchpoint unit (SWU) is a single module that
connects to a single system bus and provides transaction moni-
toring. One SWU is attached to the bus going to each system
completer. The SWU provides ports for all system bus address
channel signals. Each SWU contains four match groups of
registers with associated hardware. These four SWU match
groups operate independently but share common event (for
example, interrupt and trigger) outputs.
Table 7. Boot Modes
SYS_BMODE[n] Setting
Boot Mode
000
No boot
001
SPI2 flash
010
External SPI2 host
011
External UART0 host
100
External LP0 host
101
Octal SPI flash
110
Reserved
Table 8. Power Domains
Power Domain
VDD Range
All Internal Logic
VDD_INT
DDR3/DDR3L
VDD_DMC
HADC/TMU
VDD_ANA
SYS_CLKIN0/1
VDD_REF
1
PLL0/1
VDD_PLL
All Other I/O (Includes SYS, JTAG, and
Ports Pins)
VDD_EXT
1 VDD_REF requires a minimum of 10 nF and 100 nF decoupling capacitance to
meet source/sink requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com