Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS84330CVLN Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS84330CVLN
Description  700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84330CVLN Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS84330CVLN Datasheet HTML 1Page - Integrated Circuit Systems ICS84330CVLN Datasheet HTML 2Page - Integrated Circuit Systems ICS84330CVLN Datasheet HTML 3Page - Integrated Circuit Systems ICS84330CVLN Datasheet HTML 4Page - Integrated Circuit Systems ICS84330CVLN Datasheet HTML 5Page - Integrated Circuit Systems ICS84330CVLN Datasheet HTML 6Page - Integrated Circuit Systems ICS84330CVLN Datasheet HTML 7Page - Integrated Circuit Systems ICS84330CVLN Datasheet HTML 8Page - Integrated Circuit Systems ICS84330CVLN Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
84330CV
www.icst.com/products/hiperclocks.html
REV. B DECEMBER 7, 2004
1
Integrated
Circuit
Systems, Inc.
ICS84330C
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V
DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
GENERAL DESCRIPTION
The ICS84330C is a general purpose, single out-
put high frequency synthesizer and a member of
the HiPerClockS™ family of High Performance
Clock Solutions from ICS. The VCO operates at a
frequency range of 250MHz to 700MHz. The VCO
and output frequency can be programmed using the serial or
parallel interfaces to the configuration logic. The output can be
configured to divide the VCO frequency by 1, 2, 4, and 8. Output
frequency steps from 250KHz to 2MHz can be achieved using
a 16MHz crystal depending on the output divider setting.
FEATURES
• Fully integrated PLL, no external loop filter requirements
• 1 differential 3.3V LVPECL output
• Crystal oscillator interface: 10MHz to 25MHz
• Output frequency range: 31.25MHz to 700MHz
• VCO range: 250MHz to 700MHz
• Parallel or serial interface for programming M and N dividers
during power-up
• RMS Period jitter: 5ps (maximum)
• Cycle-to-cycle jitter: 40ps (maximum)
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Pin compatible with the MC12430
• Lead-Free package available
• Industrial temperature information available upon request
HiPerClockS™
ICS
PIN ASSIGNMENT
BLOCK DIAGRAM
ICS84330C
28-Lead PLCC
V Package
11.6mm x 11.4mm x 4.1mm
body package
Top View
25 24 23 22 21 20 19
5
6
7
8
9 10 11
26
27
28
1
2
3
4
18
17
16
15
14
13
12
S_CLOCK
S_DATA
S_LOAD
VCCA
FREF_EXT
XTAL_SEL
XTAL1
N1
N0
M8
M7
M6
M5
M4
OSC
XTAL1
XTAL2
FREF_EXT
XTAL_SEL
S_LOAD
S_DATA
S_CLOCK
nP_LOAD
M0:M8
N0:N1
VCO
PLL
TEST
CONFIGURATION
INTERFACE
LOGIC
÷ M
÷ 16
PHASE DETECTOR
÷2
÷4
÷8
÷1
1
0
OE
1
0
÷ 2
FOUT
nFOUT
ICS84330C
32-Lead LQFP
Y package
7mm x 7mm x 1.4mm
body package
Top View
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
n/c
N1
N0
M8
M7
M6
M5
M4
S_CLOCK
S_DATA
S_LOAD
VCCA
VCCA
FREF_EXT
XTAL_SEL
XTAL1


Similar Part No. - ICS84330CVLN

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84330CV-01 ICST-ICS84330CV-01 Datasheet
242Kb / 15P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330CVI ICST-ICS84330CVI Datasheet
280Kb / 19P
720MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A DECEMBER 7, 2004
ICS84330CVIT ICST-ICS84330CVIT Datasheet
280Kb / 19P
720MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A DECEMBER 7, 2004
ICS84330CVT-01 ICST-ICS84330CVT-01 Datasheet
242Kb / 15P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS84330CVLN

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84329 ICST-ICS84329 Datasheet
279Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. D DECEMBER 15, 2004
ICS84330 ICST-ICS84330 Datasheet
368Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. B JULY 26, 2004
ICS84329-01B ICST-ICS84329-01B Datasheet
270Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JUNE 10, 2005
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-01 ICST-ICS84330-01 Datasheet
242Kb / 15P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-02 ICST-ICS84330-02 Datasheet
226Kb / 17P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-03 ICST-ICS84330-03 Datasheet
248Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS84329-01 IDT-ICS84329-01 Datasheet
338Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329-01 RENESAS-84329-01 Datasheet
836Kb / 21P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APRIL 9, 2014
84330B-03 RENESAS-84330B-03 Datasheet
578Kb / 24P
700MHz, Low Jitter, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
January 15, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com