Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IUT-F190-R4-V1-FR2-02 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # IUT-F190-R4-V1-FR2-02
Description  Read/write station
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

IUT-F190-R4-V1-FR2-02 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  IUT-F190-R4-V1-FR2-02 Datasheet HTML 1Page - Pepperl+Fuchs Inc. IUT-F190-R4-V1-FR2-02 Datasheet HTML 2Page - Pepperl+Fuchs Inc. IUT-F190-R4-V1-FR2-02 Datasheet HTML 3Page - Pepperl+Fuchs Inc. IUT-F190-R4-V1-FR2-02 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimensions
100
ø4 (3x)
90
112
Technical Data
General specifications
Operating frequency
902 … 928 MHz: USA, Canada
Transmission licenses for other countries on request
Emitted power
3 … 1250 mW EIRP adjustable
Operating distance
typ. 2 m
UL File Number
E468231
Functional safety related parameters
MTTFd
210 a
Indicators/operating means
LED green
Power on
LED yellow
Read/write operation successful
LED blue
Transmission mode
Electrical specifications
Rated operating voltage
Ue
20 ... 30 V DC , ripple 10 %SS
Current consumption
≤ 450 mA
Power consumption
P0
≤ 9 W
Surge protection
category 2
Interface
Physical
RS-485 point-to-point connection
Protocol
ASCII
Transfer rate
1200, 2400, 4800, 9600, 19200, 38400 (default) Bit/s
Standard conformity
Electromagnetic compatibility
EN 301489-1
EN 301489-3
Degree of protection
EN 60529
Safety
EN 62368-1
RFID
ISO/IEC 18000-63
Approvals and certificates
FCC approval
This device complies with part 15 of the FCC rules. Operation is subject to the
following two conditions:
(1) This device may not cause harmful interference, and
(2) This device must accept any interference received, including interference that may
cause undesired operation.
Caution:
Changes or modifications not expressly approved by the party responsible for
compliance could void the user's authority to operate the equipment.
Read/write station
IUT-F190-R4-V1-FR2-02
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com