Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IUT-F190-R4-V1-FR2-14 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # IUT-F190-R4-V1-FR2-14
Description  Read/write station
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

IUT-F190-R4-V1-FR2-14 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  IUT-F190-R4-V1-FR2-14 Datasheet HTML 1Page - Pepperl+Fuchs Inc. IUT-F190-R4-V1-FR2-14 Datasheet HTML 2Page - Pepperl+Fuchs Inc. IUT-F190-R4-V1-FR2-14 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Read/write station
IUT-F190-R4-V1-FR2-14
< Flexible UHF read/write station with medium detection range
< Compact and robust housing for harsh industrial environments
< Switchable antenna polarization guarantees reliable tag detection
and enhances process flow
< Connection via integrated RS-485 interface
< Multi-tag reading increases productivity
UHF readwrite station, Singapore and Vietnam
Function
The compact IUT-F190-R4-V1-FR2-14 read/write station operates in the UHF frequency range and is optimized for industrial use at medium
distances. The device writes and reads passive transponders according to EPC Gen2 (ISO/IEC 18000-63). The read/write station can be used in
Singapore and Vietnam. The read/write station is compliant with the relevant radio regulations.
Wide range of options supported for filtering data. The read/write station has an RS-485 interface and is connected via an M12 connector. The
user can monitor the status of the read/write station using the integrated LEDs.
The read/write station has a typical detection range of approximately 2 m, which is determined by the transponder used and can be adjusted by
the setting of the transmission power. Other influencing factors include the setup and installation of the specific application and the surrounding
materials, in particular metal. The separately specified read and write distances for the respective transponders have been determined in a test
laboratory under ideal conditions. For the actual read and write distances under real conditions, the combination of read/write station and
transponder must be tested in the desired application.
Parameterization
Interface transfer rate:
38400 Bit/s
Port settings:
8 data bits, no parity, 1 stop bit, no handshake
Transpondertype:
80
Application
This product is a wireless device and may be operated only in the country for which a transmission license exists. Information regarding
transmission licenses can be found on the datasheet for the product. If a product is released to a customer in a country for which there is no
transmission license, the product may be operated only in the country for which a transmission license exists.
If a product does not correspond to the legal requirements in force in the EU but is released to a purchaser within the EU, the product is intended
for use solely in the destination country of the end customer outside of the EU for which a transmission license exists. The product may therefore
under no circumstances be used directly by the purchaser or released to third parties for the purpose of distribution, application or use on the
market within the EU as part of a commercial activity.
In the event of an infringement, the purchaser is obliged to indemnify the supplier against any resulting damages, costs, penalty payments and
other expenses.
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - IUT-F190-R4-V1-FR2-14

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
IUT-F190-R4-V1-FR2-13 PF-IUT-F190-R4-V1-FR2-13 Datasheet
830Kb / 3P
Read/write station
More results

Similar Description - IUT-F190-R4-V1-FR2-14

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
IUT-F190-B40-2V1D-FR1-01 PF-IUT-F190-B40-2V1D-FR1-01 Datasheet
809Kb / 3P
Read/write station
IQT1-18GM-IO-V1 PF-IQT1-18GM-IO-V1 Datasheet
1Mb / 4P
Read/write station
IQT1-18GM-R4-V1 PF-IQT1-18GM-R4-V1 Datasheet
878Kb / 4P
Read/write station
IUT-F190-R4-V1-FR1-01 PF-IUT-F190-R4-V1-FR1-01 Datasheet
809Kb / 4P
Read/write station
IUT-F190-R4-V1-FR1-05 PF-IUT-F190-R4-V1-FR1-05 Datasheet
798Kb / 3P
Read/write station
IUT-F190-R4-V1-FR1-06 PF-IUT-F190-R4-V1-FR1-06 Datasheet
798Kb / 3P
Read/write station
IUT-F190-R4-V1-FR2-02 PF-IUT-F190-R4-V1-FR2-02 Datasheet
853Kb / 4P
Read/write station
IUT-F190-R4-V1-FR2-13 PF-IUT-F190-R4-V1-FR2-13 Datasheet
830Kb / 3P
Read/write station
IQT-F116-R4M-V1 PF-IQT-F116-R4M-V1 Datasheet
672Kb / 3P
Read/write station
IQT1-F61-R4-V1 PF-IQT1-F61-R4-V1 Datasheet
868Kb / 4P
Read/write station
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com