Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F684-E/SL Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC16F684-E/SL
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684-E/SL Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC16F684-E/SL Datasheet HTML 91Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 92Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 93Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 94Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 95Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 96Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 97Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 98Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 164 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41202C-page 93
PIC16F684
12.2
Calibration Bits
The Brown-out Detect (BOD), Power-on Reset (POR)
and 8 MHz internal oscillator (HFINTOSC) are factory
calibrated. These calibration values are stored in the
Calibration Word register, as shown in Register 12-2
and are mapped in program memory location 2008h.
The Calibration Word register is not erased when the
device is erased when using the procedure described
in the “PIC12F6XX/16F6XX Memory Programming
Specification”
(DS41204).
Therefore,
it
is
not
necessary to store and reprogram these values when
the device is erased.
REGISTER 12-2:
CALIB – CALIBRATION WORD (ADDRESS: 2008h)
Note:
Address 2008h is beyond the user program
memory space. It belongs to the special
configuration
memory
space
(2000h-
3FFFh), which can be accessed only during
programming. See “PIC12F6XX/16F6XX
Memory
Programming
Specification”
(DS41204) for more information.
—
FCAL6 FCAL5 FCAL4 FCAL3
FCAL2 FCAL1 FCAL0
—
POR1 POR0
BOD2
BOD1
BOD0
bit 13
bit 0
bit 13
Unimplemented: Read as ‘0’
bit 12-6
FCAL<6:0>: Internal Oscillator Calibration bits
0111111
= Maximum frequency
.
.
0000001
0000000
= Center frequency
1111111
.
.
1000000
= Minimum frequency
bit 5
Unimplemented: Read as ‘0’
bit 4-3
POR<1:0>: POR Calibration bits
00
= Lowest POR voltage
11
= Highest POR voltage
bit 2-0
BOD<2:0>: BOD Calibration bits
000
= Reserved
001
= Lowest BOD voltage
111
= Highest BOD voltage
Legend:
R = Readable
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com