Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN9255/ZMX020 Datasheet(PDF) 7 Page - Microchip Technology

Part # LAN9255/ZMX020
Description  2/3-Port EtherCAT짰 Device Controller with Integrated PHYs & SAM E53J 32-bit ARM짰 Cortex짰-M4F MCU
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9255/ZMX020 Datasheet(HTML) 7 Page - Microchip Technology

Back Button LAN9255/ZMX020 Datasheet HTML 3Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 4Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 5Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 6Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 7Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 8Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 9Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 10Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
2020-2021 Microchip Technology Inc.
DS00003646B-page 7
LAN9255
3.3
Device ID
• The LAN9255 provides a dedicated device ID returned by the integrated SAM E53J. This enables developers to
distinguish between discrete SAM E53J implementations and those with the LAN9255. A list of the Device IDs for
the various ordering options is detailed in Table 3-3.
• The integrated LAN9253 returns its normal device ID.
3.4
Extended Temperature Operation
As also noted in the LAN9253 Data Sheet, for the extended industrial temperature range option, the following restric-
tions apply:
• Internal regulator disabled
• 2.5V (typical) Ethernet magnetics voltage required
TABLE 3-3:
DEVICE ID
CPP Number
Temp/MEM Size
UNG Part ID
LAN9255-V/ZMX020
105°C 1024k Memory
0x61830355
LAN9255-I/ZMX020
85°C 1024k Memory
0x61830355
LAN9255/ZMX020
70°C 1024k Memory
0x61830355
LAN9255-V/ZMX019
105°C 512k Memory
0x61830356
LAN9255-I/ZMX019
85°C 512k Memory
0x61830356
LAN9255/ZMX019
70°C 512k Memory
0x61830356
LAN9255-V/ZMX018
105°C 256k Memory
0x61830357
LAN9255-I/ZMX018
85°C 256k Memory
0x61830357
LAN9255/ZMX018
70°C 256k Memory
0x61830357



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com