Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP16CP596 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # STP16CP596
Description  LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STP16CP596 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button STP16CP596 Datasheet HTML 9Page - List of Unclassifed Manufacturers STP16CP596 Datasheet HTML 10Page - List of Unclassifed Manufacturers STP16CP596 Datasheet HTML 11Page - List of Unclassifed Manufacturers STP16CP596 Datasheet HTML 12Page - List of Unclassifed Manufacturers STP16CP596 Datasheet HTML 13Page - List of Unclassifed Manufacturers STP16CP596 Datasheet HTML 14Page - List of Unclassifed Manufacturers STP16CP596 Datasheet HTML 15Page - List of Unclassifed Manufacturers STP16CP596 Datasheet HTML 16Page - List of Unclassifed Manufacturers STP16CP596 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
STP16CP596
14/18
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.1
0.043
A1
0.05
0.15
0.002
0.006
A2
0.9
0.035
b
0.19
0.30
0.0075
0.0118
c
0.09
0.20
0.0035
0.0079
D
7.7
7.9
0.303
0.311
E
4.3
4.5
0.169
0.177
e
0.65 BSC
0.0256 BSC
H
6.25
6.5
0.246
0.256
K0°
8°
0°
8°
L
0.50
0.70
0.020
0.028
TSSOP24 MECHANICAL DATA
7047476B
c
H
b
A2
A
E
D
1
PIN 1 IDENTIFICATION
A1
L
K
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com