Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TBD Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # TBD
Description  FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

TBD Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button TBD Datasheet HTML 6Page - Integrated Circuit Systems TBD Datasheet HTML 7Page - Integrated Circuit Systems TBD Datasheet HTML 8Page - Integrated Circuit Systems TBD Datasheet HTML 9Page - Integrated Circuit Systems TBD Datasheet HTML 10Page - Integrated Circuit Systems TBD Datasheet HTML 11Page - Integrated Circuit Systems TBD Datasheet HTML 12Page - Integrated Circuit Systems TBD Datasheet HTML 13Page - Integrated Circuit Systems TBD Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
843004AGI
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 11, 2005
10
Integrated
Circuit
Systems, Inc.
ICS843004I
FEMTOCLOCKS™CRYSTAL-TO-
3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
LAYOUT GUIDELINE
Figure 5 shows a schematic example of the ICS843004I. An
example of LVEPCL termination is shown in this schematic. Ad-
ditional LVPECL termination approaches are shown in the
LVPECL Termination Application Note. In this example, an 18pF
FIGURE 5. ICS843004I SCHEMATIC EXAMPLE
parallel resonant 26.5625MHz crystal is used. The C1=27pF
and C2=33pF are recommended for frequency accuracy. For
different board layout, the C1 and C2 may be slightly adjusted
for optimizing frequency accuracy.
VCC=3.3V
C3
10uF
+
-
VCCO=3.3V
R3
133
To Logic
Input
pins
3.3V
VCC
Zo = 50 Ohm
Set Logic
Input to
'0'
C7
0.1u
3.3V
RD2
1K
VCC
VDD
R10
82.5
R4
82.5
VCCA
Logic Control Input Examples
VDD
C2
33pF
C4
0.01u
+
-
Zo = 50 Ohm
RD1
Not Install
Zo = 50 Ohm
RU2
Not Install
R7
133
R8
82.5
C9
0.1u
C1
27pF
Set Logic
Input to
'1'
R9
133
X1
26.5625MHz
R2
10
18pF
To Logic
Input
pins
Zo = 50 Ohm
VCCO
R6
82.5
C6
0.1u
U1
ICS843004
C8
0.1u
R5
133
RU1
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com